Electronic Components Datasheet Search
  English  ▼

X  

PHT2508 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHT2508
Description  THYRISTOR MODULE 250A / 800V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT2508 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHT2508 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHT2508 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHT2508 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHT2508 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PHT2508 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THYRISTOR MODULE
Maximum Ratings
Approx Net Weight:250g
Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PHT2508
Unit
Repetitive Peak Off-State Voltage
VDRM
800
Non Repetitive Peak Off-State Voltage
VDSM
900
V
Repetitive Peak Reverse Voltage
VRRM
800
Non Repetitive Peak Reverse Voltage
VRSM
900
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
50Hz Half Sine Wave condition
Tc=65°C
250
A
RMS On-State Current
IT(RMS)
390
A
Surge On-State Current
ITSM
50 Hz Half Sine Wave, 1Pulse
Non-Repetitive
4000
A
I Squared t
I2t
2msec to 10msec
80000
A2s
Critical Rate of Turned-On Current
di/dt
VD=2/3VDRM, ITM=2•IO, Tj=125°C
IG=300mA, diG/dt=0.2A/µs
100
A/µs
Peak Gate Power
PGM
5
W
Average Gate Power
PG(AV)
1
W
Peak Gate Current
IGM
2
A
Peak Gate Voltage
VGM
10
V
Peak Gate Reverse Voltage
VRGM
5
V
Operating JunctionTemperature Range
Tjw
-40 to +125
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2000
V
Case mounting
M5 Screw
2.4 to 2.8
Mounting torque
Terminals
Ftor
M5 Screw
2.4 to 2.8
N•m
FEATURES
* Isolated Base
* Single Thyristor Module
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PHT 2 5 08
PHT 2 5 08
PHT 2 5 08
PHT 2 5 08
OUTLINE DRAWING
250A / 800V


Similar Part No. - PHT2508

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PHT2508 NI-PHT2508_15 Datasheet
242Kb / 4P
THYRISTOR
More results

Similar Description - PHT2508

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
THYRISTOR MODULE 100A / 800V
PC2503 NIEC-PC2503 Datasheet
203Kb / 3P
DIODE MODULE 250A/300 to 800V
PCH608 NIEC-PCH608 Datasheet
248Kb / 5P
THYRISTOR MODULE 60A/800V
PCH1008 NIEC-PCH1008 Datasheet
252Kb / 5P
THYRISTOR MODULE 100A/800V
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
THYRISTOR MODULE 150A/800V
PDT2008 NIEC-PDT2008 Datasheet
262Kb / 5P
THYRISTOR MODULE 200A / 800V
PGH508AM NIEC-PGH508AM Datasheet
234Kb / 4P
THYRISTOR MODULE 50A / 800V
PGH758AM NIEC-PGH758AM Datasheet
234Kb / 4P
THYRISTOR MODULE 75A / 800V
PH2503 NIEC-PH2503 Datasheet
187Kb / 3P
DIODE MODULE 250A/300 to 800V
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
THYRISTOR MODULE 400A / 800V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com