Electronic Components Datasheet Search
  English  ▼

X  

MUR820CT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MUR820CT
Description  Glass Passivated Super Fast Rectifiers Reverse Voltage 50 to 600 Volts , Forward Current 8.0 Ampers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MUR820CT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MUR820CT Datasheet HTML 1Page - First Silicon Co., Ltd MUR820CT Datasheet HTML 2Page - First Silicon Co., Ltd MUR820CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2011.12. 29
2/3
Revision No : 0
MUR805CT~MUR860CT, MUR805FCT~MUR860FCT, MURB805CT~MURB860CT
Notes:
1. Pulse test: Pulse width 300 usec, Duty cycle 2%
s
c
it
s
ir
e
t
c
a
r
a
h
C
l
a
c
ir
t
c
e
l
E
d
n
a
s
g
n
it
a
R
m
u
m
i
x
a
M
Ratings at 25
oC ambient temperature unless otherwise specified.
r
e
t
e
m
a
r
a
l
P
o
b
m
y
S
T
C
5
0
8
R
U
T
M
C
0
1
8
R
U
T
M
C
0
2
8
R
U
T
M
C
0
4
8
R
U
T
M
C
0
6
8
R
U
M
ti
n
U
e
g
a
tl
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
it
it
e
p
e
r
m
u
m
ix
a
V
M
M
R
R
0
5
0
0
1
0
0
2
0
0
4
0
0
6
s
tl
o
V
e
g
a
tl
o
v
S
M
R
m
u
m
ix
a
V
M
S
M
R
5
3
0
7
0
4
1
0
8
2
0
2
4
s
tl
o
V
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
ix
a
V
M
C
D
0
5
0
0
1
0
0
2
0
0
4
0
0
6
s
tl
o
V
T
t
a
t
n
e
rr
u
c
d
e
if
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
ix
a
M
C
0
2
1
=
o
C
I
)
V
A
(
F
0
.
s
8
p
m
A
e
v
a
w
-
e
n
i
s
fl
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
rr
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
ir
e
p
u
s
I
M
S
F
0
.
0
0
s
1
p
m
A
r
e
p
A
0
.
4
t
a
e
g
a
tl
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
ix
a
M
t
n
e
m
e
l
e
V
F
2
.
8
2
.
2
s
tl
o
V
t
n
e
rr
u
c
e
s
r
e
v
e
r
C
D
m
u
m
ix
a
M
e
g
a
tl
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
J
5
2
= oC
T
@
J
0
0
1
=
o
C
I
R
0
.
0
1
0
0
8
uA
t
a
e
m
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
r
m
u
m
ix
a
M
I
F
I
,
A
5
.
0
=
R
I
,
A
0
.
1
=
rr
A
5
2
.
0
=
t
rr
0
0
3
5
nS
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
it
c
n
u
j
g
n
it
a
r
e
p
T
O
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
o
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com