Electronic Components Datasheet Search
  English  ▼

X  

2SC3187 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3187
Description  Silicon NPN triple diffusion planer type(For small TV video output)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3187 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3187 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3187 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC3187
Silicon NPN triple diffusion planer type
For small TV video output
s Features
q
High collector to emitter voltage VCEO.
q
Small collector output capacitance Cob.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
300
300
7
200
100
750
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
VCBO
VCEO
VEBO
hFE
VBE
VCE(sat)
fT
Cob
Conditions
IC = 10µA, IE = 0
IC = 100µA, IB = 0
IE = 10µA, IC = 0
VCE = 50V, IC = 5mA
VCE = 10V, IC = 30mA
IC = 30mA, IB = 3mA
VCB = 30V, IE = –20mA, f = 200MHz
VCB = 30V, IE = 0, f = 1MHz
min
300
300
7
50
70
typ
140
1.9
max
250
1.2
1.5
Unit
V
V
V
V
V
MHz
pF


Similar Part No. - 2SC3187

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC3187 ETC1-2SC3187 Datasheet
48Kb / 1P
TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - 2SC3187

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1473 PANASONIC-2SC1473 Datasheet
47Kb / 3P
Silicon NPN triple diffusion planer type
2SC3063 PANASONIC-2SC3063 Datasheet
63Kb / 3P
Silicon NPN triple diffusion planar type(For TV video output amplification)
2001 MAR
2SC3942 PANASONIC-2SC3942 Datasheet
42Kb / 2P
Silicon NPN triple diffusion planar type(For color TV chroma output)
2SC5419 PANASONIC-2SC5419 Datasheet
39Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD1350 PANASONIC-2SD1350 Datasheet
39Kb / 2P
Silicon NPN triple diffusion planer type
2SD1385 PANASONIC-2SD1385 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD2413 PANASONIC-2SD2413 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planer type(For low-frequency output amplification)
2SD2420 PANASONIC-2SD2420 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
2SD2530 PANASONIC-2SD2530 Datasheet
45Kb / 1P
Silicon NPN triple diffusion planer type Darlington(For power amplification)
logo
Galaxy Semi-Conductor H...
2SD2413 BILIN-2SD2413 Datasheet
149Kb / 3P
Silicon NPN triple diffusion planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com