Electronic Components Datasheet Search
  English  ▼

X  

SB520 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SB520
Description  Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SB520 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SB520 Datasheet HTML 1Page - First Silicon Co., Ltd SB520 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2015 09 06
1/2
Revision No : 0
SB520 ~ SB5200
Schottky Barrier Rectifiers
Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
150
A
5 0
A
0.02
Unit
Characteristic
Symbol
V
250
pF
25
°C/W
-65 to +150
°C
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Rectified Output Current
@TL = 95°C
(Note 1)
IO
Non-Repeti ive Peak Forward Surge Current 8 3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage
@IF = 5.0A
VFM
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
50
mA
Typical Junc ion Capacitance (Note 2)
Cj
Typical Thermal Resistance (Note 1)
R JA
Operating and Storage Temperature Range
Tj, TSTG
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
V
SB520
SB530
SB540
SB550
SB560
SB580
SB5100 SB5150 SB5200
10
0.55
0.7
0.85
0.92
V
20
14
30
21
40
28
50
35
60
42
80
56
100
70
150
105
200
140
0 5
25


Similar Part No. - SB520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB520 PANJIT-SB520 Datasheet
57Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 5.0 Amperes)
logo
Transys Electronics
SB520 TRSYS-SB520 Datasheet
165Kb / 2P
HIGH CURRENT SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB520 WTE-SB520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SB520 ZOWIE-SB520 Datasheet
50Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB520 DIODES-SB520 Datasheet
56Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
DS23024 Rev. 6 - 2
More results

Similar Description - SB520

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SR520 GXELECTRONICS-SR520 Datasheet
373Kb / 2P
Reverse Voltage - 20 t 200 Volts Forward Current - 5.0 Amperes
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR540 GXELECTRONICS-SR540 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR560 GXELECTRONICS-SR560 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
logo
GOOD-ARK Electronics
MB12S GOOD-ARK-MB12S Datasheet
173Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
MB22S GOOD-ARK-MB22S Datasheet
105Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
logo
First Silicon Co., Ltd
ABS34 FS-ABS34 Datasheet
283Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 3.0 Ampere
MB12S FS-MB12S Datasheet
114Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 1.0 Ampere
MB22S FS-MB22S Datasheet
142Kb / 2P
Surface Mount Schottky Bridge Rectifier Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com