Electronic Components Datasheet Search
  English  ▼

X  

SB1045 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SB1045
Description  Photovoltaic Solar cell Protection Schottky Rectifier 45V/10A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SB1045 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SB1045 Datasheet HTML 1Page - First Silicon Co., Ltd SB1045 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2016 09 06
1/2
Revision No : 0
SB1045
45V/10A SCHOTTKY BARRIER RECTIFIER
Case Style: DO-201AD
Features
Metal-Semiconductor junction with guard ring
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High current capability .low VF
Low power loss,high efficiency
5lbs.(2 3kg) tension
Mechanical Data
Case DO-201AD Molded plastic body
Mounting Position Any
Weight 1.2 grams
Maximum Ratings & Electrical Characteristics
Ratings at 25
ambient temperature unless otherwise specified.
Symbol
SB1035
SB1045
SB1050
Unit
VRRM
35
45
V
VRMS
24.5
31.5
V
VDC
35
45
V
Average forward rectified current
IF(AV)
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
I
2t
A
2sec
IF=5A
IF=10A
Maximum DC reverse current at
Tj=25℃
µA
rated DC blocking voltage per leg
Tj=125℃
mA
RθJA
RθJC
VR
80%VRRM
In DC forward mode
T
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
STG
Notes:
1. Thermal Resistance Junction to Ambient
2. Thermal Resistance Junction to Case
free wheeling,and polarity protection applications
Maximum RMS voltage
Maximum DC blocking voltage
Tjmax.200℃ in DC forward mode
High temperature soldering guaranteed:
260℃/10 seconds0.375(9.5mm) lead length
Parameter
V
IR
IFSM
Rating for fusig (t 8.3ms)
A
Maximum repetitive peak reverse voltage
For use in low voltage, high frequency inverters,
J
T
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
VF
Typical thermal resistance per leg
Forward voltage
/W
25
14
(1)
3.4
(2)
-50
+150
200
-50
+175
10
370
0.45
0.55
500
300
Photovoltaic Solar cell Protection Schottky Rectifier
50


Similar Part No. - SB1045

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1045 WTE-SB1045 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045 PANJIT-SB1045 Datasheet
52Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Global Corp...
SB1045 SIRECT-SB1045 Datasheet
184Kb / 3P
Power Schottky Rectifier - 10Amp 45~200Volt
logo
Leshan Radio Company
SB1045 LRC-SB1045 Datasheet
162Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
logo
Diotech Company.
SB1045 DIOTECH-SB1045 Datasheet
682Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB1045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSB2045 VISHAY-VSB2045 Datasheet
77Kb / 4P
Photovoltaic Solar Cell Protection Schottky Rectifier
06-Jul-12
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
Photovoltaic Solar Cell Protection Schottky Rectifier
04-Dec-13
logo
GOOD-ARK Electronics
SB1235 GOOD-ARK-SB1235_15 Datasheet
87Kb / 2P
Photovoltaic Solar cell Protection Schottky Rectifier
SB1240 GOOD-ARK-SB1240 Datasheet
87Kb / 2P
Photovoltaic Solar cell Protection Schottky Rectifier
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
20TQ045 HY-20TQ045_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
25PV030 HY-25PV030_17 Datasheet
150Kb / 3P
PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
THY1545 HY-THY1545_17 Datasheet
146Kb / 3P
PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
TP2545 HY-TP2545_17 Datasheet
142Kb / 3P
PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
logo
Vishay Siliconix
VSB1545-M3 VISHAY-VSB1545-M3_V01 Datasheet
78Kb / 5P
Photovoltaic Solar Cell Protection Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5.0 A
22-Nov-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com