Electronic Components Datasheet Search
  English  ▼

X  

1ACM Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 1ACM
Description  1W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1ACM Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  1ACM Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1ACM Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 1ACM Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 1ACM Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 4
1ACM_S3 – Rev. 2020-1.3
Specifications subject to change without notice.
1W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
1ACM_S3 Series
Efficiency
Typical characteristics
EMC specifications
EMC / EMI / Conducted disturbance
CISPR22/EN55022,
CLASS A (see Typical application circuit)
CISPR22/EN55022,
CLASS B (see EMC solution-recommended circuit)
EMC / EMI / Radiated emission
CISPR22/EN55022,
CLASS A (see Typical application circuit)
CISPR22/EN55022,
CLASS B (see EMC solution-recommended circuit)
EMC / EMS / Electrostatic discharge
IEC/EN 61000-4-2
±4KV
perf. Criteria B
EMC / EMS / Radiation Immunity
IEC/EN 61000-4-3
10V/m (see EMC solution-recommended circuit) perf. Criteria A
EMC / EMS / EFT
IEC/EN 61000-4-4
± 2kV (see Typical application circuit)
perf. Criteria B
IEC/EN 61000-4-4
± 4kV (see EMC solution-recommended circuit) perf. Criteria B
EMC / EMS / Surge Immunity
IEC/EN 61000-4-5
±2KV/±4KV (see Typical application circuit or
perf. Criteria B
EMC solution-recommended circuit)
EMC / EMS / Conducted disturbance
IEC/EN 61000-4-6
10 Vr.m.s
perf. Criteria A
EMC / EMS / Immunity for power
IEC/EN 61000-4-8
10A/m
perf. Criteria A
EMC / EMS / Voltage dips,、short and drop
interruptions immunity
IEC/EN 61000-4-11
0%-70%
perf. Criteria B
1ACM_12S3
1ACM_24S3
1ACM_05S3
1ACM_12S3
1ACM_24S3
1ACM_05S3
120VAC Input
240VAC Input
200VDC Input
300VDC Input
1ACM_S3 - AC input
1ACM_S3 - DC input
1ACM_12S3 - AC input
1ACM_12S3 - DC input



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com