Electronic Components Datasheet Search
  English  ▼

X  

1ACOS_S Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 1ACOS_S
Description  1W - Single output AC-DC converter - Universal input - Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1ACOS_S Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  1ACOS_S Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1ACOS_S Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 1ACOS_S Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 1ACOS_S Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 4
1ACOS_S – Rev. 2020-1.0
Specifications subject to change without notice.
1W - Single output AC-DC converter - Universal input - Non-isolated
1ACOS_S Series
Efficiency
Typical application circuit
Model
FUSE (required)
C1 (required)
C2 (required)
L1 (required)
1ACOS_05S
1A/300V
10uF/400V:165-264VAC
10uF/450V:165-305VAC
22uF/400V: 85-264VAC
22uF/450V: 85-305VAC
220µF/16V
1.2mH
Note:
C1 is used as filter capacitor(required), if the surge immunity index is to be met, the C1 capa-
citor needs to be connected to 22uF.
Output filter: We recommend using an electrolytic capacitor with high frequency, high ripple
current and low ESR rating for C2. Combined with L1, they form a pi-type filter circuit. Choose
a Capacitor voltage rating with at least 20% margin, in other words not exceeding 80%.
1ACOS_05S
1ACOS_05S
3ACOS_12S
3ACOS_12S
EMC compliance recommended circuit
Components
Recommended parameter
CX
0.1µF/310VAC
L1
1.2mH
FUSE (required)
1A/300V, slow blow
C1 (required)
10uF/400V:165-264VAC
10uF/450V:165-305VAC
22uF/400V: 85-264VAC
22uF/450V: 85-305VAC
C2 (required)
2.2nF/400V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com