Electronic Components Datasheet Search
  English  ▼

X  

3ACA Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3ACA
Description  3W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3ACA Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  3ACA Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3ACA Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3ACA Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3ACA Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 3ACA Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
3ACA_3 – Rev. 2017-1.4
Specifications subject to change without notice.
3W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACA_3 Series
Typical characteristics
Common specifications
Operating temperature range
-20°C ~ +70°C
Power derating temperature range
55°C ~ 70°C: 2%/°C MIN
Storage temperature range
-25°C ~ +105°C
Case temperature range
+95°C MAX
Humidity
95% MAX
Welding temperature
Wave soldering: 260±5°C; time: 5~10s
Manual welding: 360±10°C; time: 3~5s
Switching frequency
115kHz TYP
I/O-isolation voltage
3000VAC/1Min (Resistance: 100MΩ (typ) at 500VDC)
EMC / EMI / CE
CISPR22/EN55022,
CLASS A (without external circuit)
CLASS B (see EMC recommended circuit)
EMC / EMI / RE
CISPR22/EN55022,
CLASS A (without external circuit)
CLASS B (see EMC recommended circuit)
EMC / EMI / ESD
IEC/EN 61000-4-2
Contact ±6KV / Air ±8KV
perf. Criteria B
EMC / EMI / RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
EMC / EMI / EFT
IEC/EN 61000-4-4
± 2kV (see typical application circuit)
perf. Criteria B
IEC/EN 61000-4-4
± 4kV (see EMC recommended circuit)
perf. Criteria B
EMC / EMI / Surge
IEC/EN 61000-4-5
±1KV (see typical application circuit)
perf. Criteria B
IEC/EN 61000-4-5
±2KV/±4KV (see EMC recommended circuit)
perf. Criteria B
EMC / EMI / CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
EMC / EMI / PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMC / EMI / Voltage dips, short and
interruptions immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Safety standards
IEC60950, EN60950, UL60950
Safety approvals
EN60950, UL60950
Safety class
CLASS II
Case material
UL94V-0
MTBF
MIL-HDBK-217F@25°C: >300,000h
Weight
25g
Note:
①Input voltage should be derated based on temperature derating when it is 85~100VAC/240~264VAC/100~120VDC/340~370VDC;
②This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com