Electronic Components Datasheet Search
  English  ▼

X  

3ACE Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 3ACE
Description  3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

3ACE Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  3ACE Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 3ACE Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 3ACE Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 3ACE Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 3ACE Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 5
3ACE_4 – Rev. 2020-1.2
Specifications subject to change without notice.
Output Filter Components:
We recommend using an electrolytic capacitor with high frequency, and low
ESR rating for C2 (refer to manufacture’s datasheet). Choose a Capacitor
voltage rating with at least 20% margin, in other words not exceeding 80%.
C1 is a ceramic capacitor used for filtering high-frequency noise and TVS is
a recommended suppressor diode to protect the application in case of a
converter failure.
3ACE_4 series
3W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Efficiency
3ACE_24S4
3ACE_12S4
3ACE_05S4
3ACE_24S4
3ACE_12S4
3ACE_05S4
Typical application circuit
EMC compliance recommended circuit
Model
C1 (µF)
C2 (µF)
FUSE
MOV
TVS tube
3ACE_03S4
1
150
1A/250V
slow-blow
required
S14K350
SMBJ7.0A
3ACE_05S4
150
SMBJ7.0A
3ACE_09S4
120
SMBJ12A
3ACE_12S4
120
SMBJ20A
3ACE_15S4
120
SMBJ20A
3ACE_24S4
68
SMBJ30A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com