Electronic Components Datasheet Search
  English  ▼

X  

2ACEW_09S4 Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 2ACEW_09S4
Description  2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

2ACEW_09S4 Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  2ACEW_09S4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 2ACEW_09S4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 2ACEW_09S4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 2ACEW_09S4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 2ACEW_09S4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
2ACEW_4 – Rev. 2020-1.1
Specifications subject to change without notice.
2ACEW_4 Series
2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Common specifications
Operating temperature range
-40°C ~ +70°C
Power derating temperature range
+55°C ~ +70°C:
3.3%/°C
-40°C ~ -25°C:
3.3%/°C
85VAC - 100VAC:
1.33%/VAC
Storage temperature range
-40°C ~ +105°C
Humidity (non-condensing)
95% MAX
Cooling
Free air convection
I/O-isolation voltage
4000VAC/1Min
EMC / EMI / CE
CISPR32/EN55032,
CLASS B
EMC / EMI / RE
CISPR32/EN55032,
CLASS B
EMC / EMS / ESD
IEC/EN 61000-4-2
Contact ±6KV / Air ±8KV
perf. Criteria B
EMC / EMS / RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
EMC / EMS / EFT
IEC/EN 61000-4-4
± 2kV (see EMC rec. circuit)
perf. Criteria B
EMC / EMS / Surge
IEC/EN 61000-4-5
line to line ±1KV / line to ground ±2KV
perf. Criteria B
(see EMC rec. circuit)
EMC / EMS / CS
IEC/EN 61000-4-6
10Vr.m.s
perf. Criteria A
EMC / EMS / Immunities of voltage dip,
drop and short interruption
IEC/EN 61000-4-11
0%-70%
perf. Criteria B
Safety standards
IEC62368/EN62368/UL62368
Safety certification
EC62368/EN62368/UL62368
Safety class
CLASS II
Case material
UL94V-0
MTBF
>300,000h @25°C
Dimension
33.70 x 22.20 x 18.00mm
76.00 x 31.50 x 26.80mm (chassis mounting)
76.00 x 31.50 x 31.40mm (DIN rail mounting)
Weight
20g
40g (chassis mounting)
60g (DIN rail mounting)
Typical characteristics
① With an AC input between 85-100VAC and a DC input between 120-140VDC,
the output power must be derated as per temperature derating curves;
② This product is suitable for applications using natural air cooling; for applica-
tions in closed environment please consult our team.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com