Electronic Components Datasheet Search
  English  ▼

X  

5ACE Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 5ACE
Description  5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

5ACE Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  5ACE Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 5ACE Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 5ACE Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 5ACE Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 5ACE Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 5
5ACE_4 – Rev. 2019-1.0
Specifications subject to change without notice.
Approval
Model
Output
[Vo]
Output current
[lo]
Efficiency
[%, typ]
Capacitive load
[µF, max]
UL/CE
5ACE_03S4
3.3V
1000mA
68
5000
UL/CE
5ACE_05S4
5V
1000mA
75
5000
UL/CE
5ACE_09S4
9V
560mA
77
1200
UL/CE
5ACE_12S4
12V
420mA
79
1200
UL/CE
5ACE_15S4
15V
330mA
79
1000
UL/CE
5ACE_24S4
24V
210mA
81
330
* Add suffix CM for Chassis mounting with screw terminals (f.ex. 5ACE_15S4CM) or suffix DR for DIN rail mounting (f.ex. 5ACE_15S4DR).
See different package measurements at common specifications.
5ACE_4 Series
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Universal input:
85~264VAC/120~370VDC
High isolation up to 4000VAC
High efficiency, high reliability
Operating temperature:
-40°C ~ +70°C
Regulated output, low output
ripple & noise
Short circuit protection (SCP)
Output over voltage protection
Over current protection
IEC62368, UL62368, EN62368
approval
EMI performance meets
CISPR32 / EN55032 CLASS B
PCB mounting, Chassis moun-
ting with screw terminals, DIN
rail mounting
AC-DC Converter
5 Watt
The 5ACE_4 series is a compact size power converter series offered by
GAPTEC. It features universal input voltage, taking both DC and AC
input voltage, low power consumption, high efficiency, high reliability,
safer isolation. It offers good EMC performance and is UL & CE certified,
and widely used in industrial, electricity, instruments, telecommuni-
cation and civil applications.
Output specifications
Voltage set accuracy
±2%
±3% at 3.3V output
Line regulation (full load)
±0.5% (typ)
Load regulation (0% to 100%)
±1% (typ)
Ripple & Noise (p-p)
20MHz Bandwidth:
50mV (typ), 100mV (max)
Short circuit protection
Hiccup, continuous, self-recovery
Over current protection
≥120% Io, self-recovery
Over voltage protection
• 3.3/5VDC output: ≤7.5VDC
• 9VDC output:
≤15VDC
• 12/15VDC output: ≤20VDC
• 24VDC output:
≤30VDC
Output voltage (setting accuracy)
±1% (typ); ±3% (max)
Minimum load
0%
Hold-up time
• 115VAC: 5ms (typ)
• 230VAC: 50ms (typ)
Input specifications
Input voltage range
85~264VAC, 120~370VDC
Input frequency
47~63Hz
Input current
115VAC
• 130mA (typ)
230VAC
• 70mA (typ)
Inrush current
115VAC
• 10A (typ)
230VAC
• 20A (typ)
Leakage current
230VAC/50Hz: 0.1mA RMS Max.
Recommended External
Input Fuse
• 1A/250V
• Slow-Blow
required
Hot plug
Unavailable
Example:
5ACE_05S4
5= 5Watt; AC= AC-DC; E= case style; 5Vout; S= Single Output;
4= 4kVAC
Note:
1. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta=25°C, humidity<75% with nominal input voltage and rated
output load;
2. All index testing methods in this datasheet are based on our Company’s corpo-
rate standards;
3. We can provide product customization service, please contact our technicians
directly for specific information;
4. Products are related to laws and regulations: see „Features“ and „EMC“;
5. Our products shall be classified according to ISO14001 and related environmen-
tal laws and regulations, and shall be handled by qualified units.


Similar Part No. - 5ACE

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
5ACEW GAPTEC-5ACEW Datasheet
636Kb / 5P
5Watt - AC-DC converter
5ACEW_03S4 GAPTEC-5ACEW_03S4 Datasheet
636Kb / 5P
5Watt - AC-DC converter
5ACEW_05S4 GAPTEC-5ACEW_05S4 Datasheet
636Kb / 5P
5Watt - AC-DC converter
5ACEW_09S4 GAPTEC-5ACEW_09S4 Datasheet
636Kb / 5P
5Watt - AC-DC converter
5ACEW_12S4 GAPTEC-5ACEW_12S4 Datasheet
636Kb / 5P
5Watt - AC-DC converter
More results

Similar Description - 5ACE

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2ACEW GAPTEC-2ACEW Datasheet
3Mb / 5P
2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACM GAPTEC-3ACM Datasheet
1Mb / 5P
3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACAW GAPTEC-5ACAW Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACBE GAPTEC-5ACBE Datasheet
1Mb / 4P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACDM GAPTEC-5ACDM Datasheet
681Kb / 3P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACM GAPTEC-5ACM Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACMEA GAPTEC-5ACMEA Datasheet
1Mb / 4P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
10ACM GAPTEC-10ACM Datasheet
2Mb / 7P
10W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACE GAPTEC-15ACE Datasheet
3Mb / 6P
15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
30ACMEB GAPTEC-30ACMEB Datasheet
1Mb / 4P
30W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com