Electronic Components Datasheet Search
  English  ▼

X  

5ACM Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 5ACM
Description  5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

5ACM Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  5ACM Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 5ACM Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 5ACM Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 5ACM Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 4
5ACM_4 – Rev. 2020-1.2
Specifications subject to change without notice.
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACM_4 series
Typical application circuit
EMC solution-recommended circuit
Model
C1
(required)
C2
(required)
R1
C3
CX1
CY0
NTC
MOV
Fuse
(required)
TVS
5ACM_03S4
10µF/400V
220µF/35V
12Ω/2W
100nF/50V
0.1µF/275VAC
1nF/400VAC
13D-5
S14K350
1A/250V
SMBJ7.0A
5ACM_05S4
10µF/400V
220µF/35V
12Ω/2W
100nF/50V
0.1µF/275VAC
1nF/400VAC
13D-5
S14K350
1A/250V
SMBJ7.0A
5ACM_09S4
10µF/400V
220µF/35V
12Ω/2W
100nF/50V
0.1µF/275VAC
1nF/400VAC
13D-5
S14K350
1A/250V
SMBJ12A
5ACM_12S4
10µF/400V
150µF/35V
12Ω/2W
100nF/50V
0.1µF/275VAC
1nF/400VAC
13D-5
S14K350
1A/250V
SMBJ20A
5ACM_15S4
10µF/400V
150µF/35V
12Ω/2W
100nF/50V
0.1µF/275VAC
1nF/400VAC
13D-5
S14K350
1A/250V
SMBJ20A
5ACM_24S4
10µF/400V
150µF/35V
12Ω/2W
100nF/50V
0.1µF/275VAC
1nF/400VAC
13D-5
S14K350
1A/250V
SMBJ30A
Note:
1. C1:
When AC input, C1 is used as filter capacitor, the value of C1 is
recommended to be 10µF /400V.
When DC input, C1 is used as EMC filter capacitor, the value of C1 is
recommended to be 10µF/400V(when the input voltage is above 370VDC,
the recommended value of C1 is 10µF/450V).
2. Output filtering capacitor C2 is electrolytic capacitor, C2 is recommended to
apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to manufacture’s datasheet.
Capacitance withstand voltage derating should be 80% or above. C3 is ceramic
capacitor, which is used to filter high-frequency noise.
5ACM_12S4 - DC input
5ACM_S4 - DC input
5ACM_024S4
5ACM_12S4
5ACM_05S4
200VDC
300VDC
400VDC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com