Electronic Components Datasheet Search
  English  ▼

X  

5ACFEW Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 5ACFEW
Description  5Watt AC-DC converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

5ACFEW Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  5ACFEW_3 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW_3 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW_3 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW_3 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW_3 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW_3 Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 6
5ACFEW_3 – Rev. 2020-1.1
Specifications subject to change without notice.
5Watt - AC-DC converter
5ACFEW_3 series
Electromagnetic Compatibility (EMC)
Emissions
CE
CISPR32/EN55032 CLASS A (Application circuit 1, 4)
CISPR32/EN55032 CLASS B (Application circuit 2, 3)
Emissions
RE
CISPR32/EN55032 CLASS A (Application circuit 1, 4)
CISPR32/EN55032 CLASS B (Application circuit 2, 3)
Immunity
ESD
IEC/EN 61000-4-2
Contact ±6KV
perf. Criteria B
Immunity
RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
Immunity
EFT
IEC/EN 61000-4-4
± 2kV (see application circuit 1, 2)
perf. Criteria B
IEC/EN 61000-4-4
± 4kV (see application circuit 3, 4)
perf. Criteria B
Immunity
Surge
IEC/EN 61000-4-5
line to line ±1KV (Application circuit 1, 2)
perf. Criteria B
IEC/EN 61000-4-5
line to line±2KV (Application circuit 3, 4)
perf. Criteria B
Immunity
CS
IEC/EN 61000-4-6
10 Vr.m.s
perf. Criteria A
Immunity
Voltage dip, short interrup-
tion
and voltage variation
IEC/EN 61000-4-11
0%-70%
perf. Criteria B
Product typical curve
Efficiency
Approval
Model
Power
[W]
Output
[Vo]
Output
[lo]
Efficiency
[%, typ]
Capacitive load
[µF, max]
UL/CE
5ACFEW_03S3
3.3
3.3V
1000mA
69
2200
UL/CE
5ACFEW_05S3
5
5V
1000mA
76
1500
UL/CE
5ACFEW_09S3
5
9V
560mA
77
680
UL/CE
5ACFEW_12S3
5
12V
420mA
79
470
UL/CE
5ACFEW_15S3
5
15V
340mA
79
330
UL/CE
5ACFEW_24S3
5
24V
210mA
81
100
1. The nominal output voltage refers to the voltage applied to the load terminal after adding external circuits.
2. If the product is used in a severe vibration application, it needs to be glued and fixed.
1. With an AC input between 85 -100VAC/277- 305VAC and a DC input between 70 - 120VDC/390 - 430VDC, the output power must be derated
as per temperature derating curves;
2. This product is suitable for applications using natural air cooling; for applications in closed environment please consult factory or one of our FAE.
5ACFEW_24S3
5ACFEW_12S3
5ACFEW_05S3
5ACFEW_24S3
5ACFEW_12S3
5ACFEW_05S3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com