Electronic Components Datasheet Search
  English  ▼

X  

G1A Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # G1A
Description  Surface Mount Glass Passivated Standard Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

G1A Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  G1A Datasheet HTML 1Page - First Silicon Co., Ltd G1A Datasheet HTML 2Page - First Silicon Co., Ltd G1A Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2018. 05. 17
3/3
Revision No : 2
G1A ~ G1M
PACKAGE OUTLINE DIMENSIONS (in millimeters)
PACKING INFORMATION
Packing quantities:
3000 pcs/Reel, 40 Reels/Box; 8mm Tape, 7" Reel
Tape & Reel Specification
Soldering footprint Unit: inch(mm)
DIM
MIN
MAX
MIN
MAX
A
1.0
1.2
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.90
1.10
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.6
0.067
0.079
E
2.5
2.9
0.114
0.122
L
0.40
0.90
0.017
0.033
HE
3.6
3.9
0.138
0.154
Unit: mm
Unit: inch
1.9
0.98



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com