Electronic Components Datasheet Search
  English  ▼

X  

G1K Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # G1K
Description  Surface Mount Glass Passivated Standard Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

G1K Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  G1K Datasheet HTML 1Page - First Silicon Co., Ltd G1K Datasheet HTML 2Page - First Silicon Co., Ltd G1K Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
G1A ~ G1M
2018. 05. 17
1/3
Revision No : 2
Reverse Voltage 50V ~ 1000V , Forward Current 1.0 Amps
Surface Mount Glass Passivated Standard Rectifier
• Glass passivated Standard rectifiers
• Compatible with SOD-123
• Super low VF
• High forward surge capability
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• Low profile, Max height 1.08mm
TYPICAL APPLICATIONS
For use of general purpose rectification in lighting, cellular phone, portable device,
power supplies and other consumer applications.
SMF
Parameter
G1A
G1B G1D
G1G G1J G1K G1M
30
1.1
-55 ~ +150
20
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FEATURES


Similar Part No. - G1K

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G1K GE-G1K Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Yangzhou yangjie electr...
G1K YANGJIE-G1K Datasheet
170Kb / 2P
General Purpose Rectifier
logo
RFE international
G1K RFE-G1K Datasheet
1Mb / 3P
Surface Mount General Purpose Rectifier G1A Through G1M
07-13-2020
logo
Omron Electronics LLC
G1K020T OMRON-G1K020T Datasheet
2Mb / 17P
G-SERIES SERVO SYSTEM
G1K030T OMRON-G1K030T Datasheet
2Mb / 17P
G-SERIES SERVO SYSTEM
More results

Similar Description - G1K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S1BA VISHAY-S1BA Datasheet
86Kb / 4P
Standard Surface Mount Glass Passivated Rectifier
14-Jan-11
logo
GOOD-ARK Electronics
F1DS GOOD-ARK-F1DS Datasheet
201Kb / 4P
Surface Mount Glass Passivated Standard Rectifier
F1510A GOOD-ARK-F1510A Datasheet
366Kb / 4P
Surface Mount Glass Passivated Standard Rectifier
L2A1 GOOD-ARK-L2A1 Datasheet
234Kb / 4P
Surface Mount Glass Passivated Standard Rectifier
P1A GOOD-ARK-P1A Datasheet
384Kb / 5P
Surface Mount Glass Passivated Standard Rectifier
P151A GOOD-ARK-P151A Datasheet
379Kb / 4P
Surface Mount Glass Passivated Standard Rectifier
SGA1J GOOD-ARK-SGA1J Datasheet
391Kb / 4P
Surface Mount Glass Passivated Standard Rectifier
GN1P20 GOOD-ARK-GN1P20 Datasheet
159Kb / 4P
Surface Mount Glass Passivated Standard Rectifier
GN2P20 GOOD-ARK-GN2P20 Datasheet
393Kb / 5P
Surface Mount Glass Passivated Standard Rectifier
logo
SeCoS Halbleitertechnol...
QG120A-C SECOS-QG120A-C Datasheet
377Kb / 2P
Surface Mount Glass Passivated Standard Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com