Electronic Components Datasheet Search
  English  ▼

X  

2CL704 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2CL704
Description  Plastic Fast Recover High Voltage Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2CL704 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2CL704 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2CL704 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves
特性曲线
02
4
6
810
0
2
4
6
10
Ta = 25 °C
12
8
Ta = 100 °C
0.05
0.1
0.5
1
正向特性曲线
正向电压
VF(V)
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
REVERSE CHARACTERISTIC [VR-IR]
反向特性曲线
反向重复峰值电压
VR(KV)
Repetitive Peak Reverse Voltage (KV)
4.5
5.5
3.5 4.0
5.0
Ta= 25°C
12
反向电压特性分布
RE
VERSE VOLTAGE CHARACTENRISTIC DISTRIBUTION
26
8
10
10
20
30
40
50
60
70
80
90
100
反向电压 VZ(KV)
VZ,Reverse voltage(KV)
Tj=25
°C
Iz=25uA
N=100pcs
6.0
80
0
40
120
160
200
240
20
40
60
80
100 120
140
0
环境温度 Ta(
°C)
Tamb, ambient temperature (°C)
REVERSE REC
OVERY TIME CHARACTENRISTIC[Ta-Trr]
反向恢复时间特性
2CL704
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com