Electronic Components Datasheet Search
  English  ▼

X  

45ACDR Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 45ACDR
Description  45W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

45ACDR Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  45ACDR Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 45ACDR Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 45ACDR Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 3
45ACDR_S3 – Rev. 2019-1.0
Specifications subject to change without notice.
45W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Industrial DIN Rail Power Supply
45ACDR_S3 Series
EMC specifications
EMC / CE
Compliance to EN55015, Class B
Conducted emission Test
EMC / RE
Compliance to EN55015, Class B
Radiated emission Test
EMC / HARMONIC
Compliance to EN61000-3-2
Harmonic current emissions
EMC / ESD
Compliance to EN61000-4-2
Electrostatic Discharge: 8kV air discharge, 4kV contact discharge
EMC / RS
Compliance to EN61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EMC / EFT
Compliance to EN61000-4-4
Electrical Fast Transient / Burst-EFT±2kV
EMC / SURGE
Compliance to EN61000-4-5
Surge Immunity Test: AC Power Line: line to line 1 kV, line to earth 2 kV
EMC / CS
Compliance to EN61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EMC / DIP
Compliance to EN61000-4-11
Voltage Dips
The power supply is considered as a component which will be installed into a final equipment.
The final equipment must be re-confirmed that it still meets EMC directives.
Model
Power
[W]
Output
[Vo, VDC]
Rated Current
[A]
Current Range
[A]
Ripple&Noise*
[mV, max]
Efficiency
[%, typ]
45ACDR_12S3
45
12
3.75
0~3.75
100
85
45ACDR_24S3
45
24
2
0~2
120
87
45ACDR_48S3
45
48
1
0~1
200
89
* Measured at 20MHz of bandwidth by using a 12” twisted pair-wire terminated with a 0.1 uF & 10uF parallel capacitor.
Typical characteristics
Ambient temperature (°C)
Load-ambient derating curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com