Electronic Components Datasheet Search
  English  ▼

X  

75ACDR_SC Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 75ACDR_SC
Description  75W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

75ACDR_SC Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  75ACDR_SC Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 75ACDR_SC Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 75ACDR_SC Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 75ACDR_SC Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 75ACDR_SC Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 5
75ACDR_SC – Rev. 2020-1.3
Specifications subject to change without notice.
75W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Industrial DIN Rail Power Supply
75ACDR_SC Series
Typical characteristics
Functional block diagram
short time working, 3s.
continuous working
Functional diagram
Ambient temperature (°C)
Ambient temperature (°C)
Ambient temperature (°C)
Output current vs. ambient temperature – 75ACDR_12SC
Output current vs. ambient temperature – 75ACDR_24SC
Output current vs. ambient temperature – 75ACDR_48SC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com