Electronic Components Datasheet Search
  English  ▼

X  

B16WS Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # B16WS
Description  Schottkyre ctifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

B16WS Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  B16WS Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd B16WS Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd B16WS Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
PACKAGE OUTLINE
Guard ring protection
Low forward voltage drop
For use in low voltage,high frequency inverters
High surge current capability
Marking:SM
MAXIMUM RATING(Tamb=25
°C)
Symbol
Parameter
Value
Units
VRRM
Maximum recurrent peak reverse voltage
60
V
VRMS
Maximum RMS voltage
42
V
VDC
Maximum DC blocking voltage
60
V
IF
Continuous forward current
1
A
IFSM
Non-repetitive Peak forward surge current@t=8.3ms
10
A
Ptot
Total power dissipation
250
mW
RθJA
Thermal resistance junction to ambient air
400
°C/W
TJ
Junction temperature
125
°C
Tstg
Storage temperature
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (Tamb=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Maximum instantaneous forward voltage at IF=1A
VF
0.7
V
Maximum DC reverse current at rated DC blocking voltage
at VR=60V
IR
-30
0.1
mA
Total capacitance at VR=4V, f=1MHZ
Ctot
-5
120
pF
Schottky rectifier
B16WS
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - B16WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B16WS JIANGSU-B16WS Datasheet
607Kb / 4P
Schottky Barrier Diode
logo
Microdiode Semiconducto...
B16WS CHENDA-B16WS Datasheet
630Kb / 2P
60 Volts Forward Current - 1.0 Ampere
logo
Rectron Semiconductor
B16WS RECTRON-B16WS Datasheet
314Kb / 4P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
20 REV:O 22-01/97
logo
DAESAN ELECTRONIC CORP.
B16WS DAESAN-B16WS Datasheet
225Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Goodwork Semiconductor ...
B16WS GWSEMI-B16WS Datasheet
221Kb / 3P
Plastic-Encapsulate Diodes
More results

Similar Description - B16WS

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
BAS70 LEIDITECH-BAS70 Datasheet
505Kb / 3P
Schottky r e ctifier
DSK32 LEIDITECH-DSK32 Datasheet
1Mb / 3P
Schottkyre ctifier
SS12 LEIDITECH-SS12 Datasheet
1Mb / 2P
Schottkyre ctifier
SS12B LEIDITECH-SS12B Datasheet
363Kb / 3P
Schottkyre ctifier
SS22A LEIDITECH-SS22A Datasheet
349Kb / 3P
Schottkyre ctifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com