Electronic Components Datasheet Search
  English  ▼

X  

2SC3314 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3314
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3314 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3314 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3314 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3314 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC3314
Silicon NPN epitaxial planer type
For high-frequency amplification
Complementary to 2SA1323
s Features
q
Optimum for high-density mounting.
q
Allowing supply with the radial taping.
q
Optimum for RF amplification of FM/AM radios.
q
High transition frequency fT.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
EIAJ:SC–72
3:Base
New S Type Package
4.0
±0.2
marking
2.54
±0.15
1.27
1.27
123
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
5
30
300
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter voltage
Transition frequency
Noise figure
Common emitter reverse transfer capacitance
Reverse transfer impedance
Symbol
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
VBE
fT
NF
Cre
Zrb
Conditions
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 1mA
IC = 10mA, IB = 1mA
VCE = 10V, IC = 1mA
VCB = 10V, IE = –1mA, f = 200MHz
VCB = 10V, IE = –1mA, f = 5MHz
VCE = 10V, IC = 1mA, f = 10.7MHz
VCB = 10V, IE = –1mA, f = 2MHz
min
30
20
5
70
150
typ
0.1
0.7
300
2.8
max
220
4.0
1.5
50
Unit
V
V
V
V
V
MHz
dB
pF
Ω
*h
FE Rank classification
Rank
B
C
hFE
70 ~ 140
110 ~ 220


Similar Part No. - 2SC3314

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3310 TOSHIBA-2SC3310 Datasheet
44Kb / 1P
SILICON NPN TRIPLE DIFFUSED TYPE
logo
Savantic, Inc.
2SC3310 SAVANTIC-2SC3310 Datasheet
172Kb / 5P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3310 ISC-2SC3310 Datasheet
192Kb / 5P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3310 SAVANTIC-2SC3310 Datasheet
173Kb / 5P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC3310 NJSEMI-2SC3310 Datasheet
133Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3314

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1047 PANASONIC-2SC1047 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2778 PANASONIC-2SC2778 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4562 PANASONIC-2SC4562 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4626 PANASONIC-2SC4626 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC829 PANASONIC-2SC829 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com