Electronic Components Datasheet Search
  English  ▼

X  

BC846 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BC846
Description  Epoxy meets UL-94 V-0 flammability rating
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BC846 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BC846 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BC846 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BC846 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd BC846 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd BC846 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
■ Electrical Characteristics (Ta=25℃ unless otherwise noted)
Parameter
Symbol
Test conditions
Min
Max
Unit
Collector-base breakdown voltage
BC846
BC847
BC848
VCBO
IC= 10µA, IE=0
80
50
30
V
Collector-emitter breakdown
voltage
BC846
BC847
BC848
VCEO
IC= 10mA, IB=0
65
45
30
V
Emitter-base breakdown voltage
VEBO
IE= 10µA, IC=0
6
V
Collector cut-off current
BC846
BC847
BC848
ICBO
VCB=70 V ,IE=0
VCB=50 V ,IE=0
VCB=30 V ,IE=0
0.1
μ
A
Collector cut-off current
BC846
BC847
BC848
ICEO
VCE=60 V ,IB=0
VCE=45 V ,IB=0
VCE=30 V ,IB=0
0.1
μ
A
Emitter cut-off current
IEBO
VEB=5 V , IC=0
0.1
μ
A
DC current gain
BC846A,847A,848A
BC846B,847B,848B
BC847C,BC848C
hFE
VCE= 5V, IC= 2mA
110
200
420
220
450
800
Collector-emitter saturation
voltage
VCE(sat)
IC=100mA, IB= 5mA
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=100mA, IB= 5mA
1.1
V
Transition frequency
fT
VCE= 5 V, IC= 10mA
f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=10V,f=1MHz
4.5
pF
BC846/BC847/BC848
Rev :
www.leiditech.com
01.06.2018
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com