Electronic Components Datasheet Search
  English  ▼

X  

BY448GP Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BY448GP
Description  1.5A Clamper/Damping diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BY448GP Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BY448GP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BY448GP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I(AV)
IR
CJ
TSTG
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at T =50 C
A
O
Peak Forward surge current 8.3ms single
half-sine-wave superimposed on rate
load (JEDEC method)
Maximum Reverse Current
at Rated DC
Blocking Voltage
Typical Thermal Resistance (Note 2)
Storage Temperature Range
Parameter
at TA= 25 C
O
Units
35
100
5.0
1.5
Amp
O C/W
O C
55
RθJA
Typical Junction Capacitance (Note 1)
pF
uAmp
TJ
Operating Junction Temperature Range
O C
-55 ~ +175
• Super rectifier structure for high reliability application
.
• Case: Molded plastic,
-15
DO
40
Amp
IFSM
BY448GP
Symbols
Volts
1650
VRRM
1150
VRMS
1650
VDC
Volts
Volts
Maximum DC Blocking Voltage
Maximum RMS Voltage
at TA= 100 C
O
Volts
Maximum Forward Voltage at 1.5A DC
VF
1.60
NOTE :
1.Measured at 1 MH and applied reverse voltage of 4.0 VDC.
Z
2.
Thermal Resistance From Junction to Ambient 0.375"(9.5mm) lead length P.C.B. Mounted
3.Reverse Recovery Test Conditions
I =0.5A
I =1A
I
=0.25A.
:,
,
FR
RR
• Glass passivated junction
.
• Low forward voltage drop.
• High forward surge capability
.
• Low Reverse Current.
• Terminals: Axial leads, solderable to MIL-STD-202G,Method 208
• Polarity: Color band denotes cathode end
• Mounting position: Any
• Weight: 0.015 ounce, 0.4 gram
-55 ~ +175
TRR
Maximum Reverse Recovery Time (Note 3)
nS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
OUTLINE
1000
Rating at 25 C ambient temperature unless otherwise specified. Single, half wave, 60Hzm resistive or inductive load.
O
For capacitive load, derate current by 20%
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
DO
-15
1 0 25 4 MIN
.(
. )
.
1 0 25 4 MIN
.(
. )
.
.)
3 0 7 60
0( .
.)
230 5 80
(.
.)
00
28
72
(.
.)
02
0.
768
(
.( . )
140 3 60
.)
104 (2.60
Maximum Recurrent Peak Reverse Voltage
• Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy
1.5A Clamper/Damping diode
BY448GP
Rev :
www.leiditech.com
01.06.2018
1/2


Similar Part No. - BY448GP

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
BY448GP GULFSEMI-BY448GP Datasheet
84Kb / 2P
SINTERED GLASS JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
80Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
SUNMATE electronic Co.,...
BY448GP SUNMATE-BY448GP Datasheet
116Kb / 2P
2.0A Axial Leaded Sintered Class Junction Plastic Rectifier
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
BY448GP VISHAY-BY448GP_15 Datasheet
78Kb / 5P
Miniature Clamper/Damper Glass Passivated Fast Rectifier
24-Jul-13
More results

Similar Description - BY448GP

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25838 EPCOS-B25838 Datasheet
179Kb / 8P
MKV AC Capacitors Damping
logo
Won-Top Electronics
1N5391 WTE-1N5391_06 Datasheet
54Kb / 4P
1.5A STANDARD DIODE
HER151 WTE-HER151_06 Datasheet
58Kb / 4P
1.5A ULTRAFAST DIODE
logo
List of Unclassifed Man...
17H3 ETC2-17H3 Datasheet
158Kb / 2P
DIODE FOR TV DAMPING DIODE APPLICATIONS
logo
General Electric Compan...
6AY3-B GEC-6AY3-B Datasheet
201Kb / 2P
DIODE FOR TV DAMPING DIODE APPLICATIONS
logo
Shindengen Electric Mfg...
ST02D-140F2 SHINDENGEN-ST02D-140F2 Datasheet
149Kb / 4P
Power Clamper
ST03DH-240 SHINDENGEN-ST03DH-240 Datasheet
149Kb / 4P
Power Clamper
logo
Cystech Electonics Corp...
QJAF CYSTEKEC-QJAF Datasheet
404Kb / 7P
1A Snubber Damping Rectifier
logo
3M Electronics
2552 3M-2552 Datasheet
118Kb / 4P
Damping Foil
Jan-2012
436 3M-436 Datasheet
345Kb / 3P
Vibration Damping Tapes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com