Electronic Components Datasheet Search
  English  ▼

X  

KBL601 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # KBL601
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volta , Forward Current 6.0 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

KBL601 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  KBL601 Datasheet HTML 1Page - First Silicon Co., Ltd KBL601 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
it
s
ir
e
t
c
a
r
a
h
C
l
a
c
ir
t
c
e
l
E
d
n
a
s
g
n
it
a
R
m
u
m
i
x
a
M
(T =25oC unless otherwise noted)
Ideal for printed circuit board
Glass passivated chip junctions
High surge overload rating: 200A peak
High case dielectric strength
Solder DIP 260℃ , 40 seconds
Case: KBL
Terminals: Silver plated (E4 Suffix) Leads, solderable per
J-STD-002B and JESD22-B102D
Polarity : As marked on body
Miniature Glass Passivated Single-Phase Bridge Rectifiers
Reverse Voltage 50 to 1000 Volta , Forward Current 6.0 Ampere
SEMICONDUCTOR
TECHNICAL DATA
KBL6005 ~ KBL610
2012. 02. 01
1/2
Revision No : 0
Epoxy meets UL-94V-0 Flammability rating
Parameter
Symbols KBL
6005
KBL
601
KBL
602
KBL
604
KBL
606
KBL
608
KBL
6010
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
V
e
g
a
tl
o
v
S
M
R
m
u
m
i
x
a
M
RMS
35
70
140
280
420
560
700
Vlots
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward rectified output
current at TA=50OC (Note 1)
IF(AV)
6.0
Amps
Peak forward surge current,8.3ms single half
sine-wave superimposed on rated load(JEDEC
Method)
IFSM
200
Amps
Max. instantaneous forward voltage drop per
element (Test conditions 6 A)
VF
1.1
Volts
Maximum DC reverse current TA=25OC
at rated DC blocking voltage per element
TA=100OC
IR
5.0
100
uA
Operating junction and storage temperature
range
TJ,TSTG
-55 to +150
OC
Notes: 1 , Mounting Conditions 0.5” Lead Length maximum


Similar Part No. - KBL601

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBL601 ETC-KBL601 Datasheet
70Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL601 TSC-KBL601 Datasheet
76Kb / 2P
Single Phase 6.0 AMPS. Silicon Bridge Rectifiers
logo
DAESAN ELECTRONIC CORP.
KBL601 DAESAN-KBL601 Datasheet
227Kb / 2P
CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
RFE international
KBL601 RFE-KBL601 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Diotech Company.
KBL601 DIOTECH-KBL601 Datasheet
907Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBL601

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBU6A GOOD-ARK-GBU6A Datasheet
172Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
MB2M GOOD-ARK-MB2M Datasheet
139Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
DF005 GOOD-ARK-DF005_15 Datasheet
162Kb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
GBU6A GOOD-ARK-GBU6A_15 Datasheet
173Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
GBJ6A GOOD-ARK-GBJ6A_15 Datasheet
181Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 6.0 Amperes
logo
Kingtronics Internation...
GBU6005-GBU610 KINGTRONICS-GBU6005-GBU610 Datasheet
339Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 6.0 Ampere
GBPC50005-GBPC5010 KINGTRONICS-GBPC50005-GBPC5010 Datasheet
367Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
GBPC50005W-GBPC5010W KINGTRONICS-GBPC50005W-GBPC5010W Datasheet
374Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
S50VB005-S50VB100 KINGTRONICS-S50VB005-S50VB100 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
First Silicon Co., Ltd
GBP2005 FS-GBP2005 Datasheet
1Mb / 2P
Miniature Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volta , Forward Current 2.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com