Electronic Components Datasheet Search
  English  ▼

X  

NE555 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # NE555
Description  General purpose timer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

NE555 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  NE555 Datasheet HTML 1Page - First Silicon Co., Ltd NE555 Datasheet HTML 2Page - First Silicon Co., Ltd NE555 Datasheet HTML 3Page - First Silicon Co., Ltd NE555 Datasheet HTML 4Page - First Silicon Co., Ltd NE555 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TRUTH TABLE
THRESHOLD
TRIGGER
RESET
OUTPUT
DISCHARGE
X
X
L
L
ON
> 2/3 VCC
> 1/3 VCC
H
L
ON
< 2/3 VCC
> 1/3 VCC
H
STABLE
STABLE
X
< 1/3 VCC
H
H
OFF
MAXIMUM RATINGS AND RECOMMENDED OPERATING CONDITIONS
Parameter, unit
Symbol
Recommended
operating conditions
Maximum ratings
Value
Value
min
max
min
max
Supply Voltage (V)
VCC
2.0
18.0
0
18.0
Output Current (mА)
IO
-
20
-
100
Input Voltage (V)
VTH, VTRIG, VRST
-
-
-0.3
VCC+0.3
Power Dissipation (mW)
PD
-
-
-
200
Operating Temperature,
TOPR
-20
70
-20
85
Storage Temperature,
TSTG
-
-
-65
150
Lead Temperature, 1 mm from
Case for 10 Seconds,
TSOLDER
-
-
260
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2011.03. 03
2/ 5
NE555
Revis ion No : 0
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com