Electronic Components Datasheet Search
  English  ▼

X  

8022034 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8022034
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8022034 Datasheet(HTML) 1 Page - Festo Corporation.

  8022034 Datasheet HTML 1Page - Festo Corporation. 8022034 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VMPA2-M1BH-M-PI
Part number: 8022034
Data sheet
Feature
Value
Valve function
5/2, monostable
Relative air humidity
Max. 90 % at 40 °C
Lap
Overlap
Pilot pressure MPa
0.3 MPa ... 0.8 MPa
Operating pressure
-0.09 MPa ... 1 MPa
Actuation type
Electrical
Valve size
20 mm
Standard nominal flow rate
870 l/min
Operating voltage
24V DC
Operating pressure
-0.9 bar ... 10 bar
Design
Piston gate valve
Reset method
Pneumatic spring
Degree of protection
IP65
as per IEC 60529
Certification
c UL us - Recognized (OL)
Type code
VMPA2
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Flow direction
Reversible
Symbol
00991066
Signal status display
yes
Pilot pressure
3 bar ... 8 bar
Suitability for vacuum
yes
Standard nominal flow rate with QS-10
870 l/min
Switching time off
28 ms
On switching time
15 ms
Max. positive test pulse with 0 signal
400 µs
Max. negative test pulse on 1 signal
900 µs
Permissible voltage fluctuations
+/- 25 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
3/25/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 8022034

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8022035 FESTO-8022035 Datasheet
95Kb / 2P
Air solenoid valve
8022036 FESTO-8022036 Datasheet
96Kb / 2P
Air solenoid valve
8022037 FESTO-8022037 Datasheet
96Kb / 2P
Air solenoid valve
8022038 FESTO-8022038 Datasheet
96Kb / 2P
Air solenoid valve
8022039 FESTO-8022039 Datasheet
106Kb / 2P
Air solenoid valve
More results

Similar Description - 8022034

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com