Electronic Components Datasheet Search
  English  ▼

X  

280ACMOP Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 280ACMOP
Description  280W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

280ACMOP Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  280ACMOP Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 280ACMOP Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 280ACMOP Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 280ACMOP Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 280ACMOP Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
280ACMOP_S4 – Rev. 2019-1.1
Specifications subject to change without notice.
280ACMOP_S4 Series
280W - Open Frame Type Switching Power Supply - Universal Input - Isolated & Regulated
Common specifications
Operating temperature range
-20°C ~ +70°C (with derating)
Power derating temperature range
41°C ~ 70°C: 2.5%/°C
Storage temperature range
-20°C ~ +85°C
Humidity (non-condensing)
90% MAX
Cooling
Free air convection
Temperature coefficient
±0.05%/°C
I/O-isolation voltage
4000VAC
5Vsb meet ErP
0.5W @No load
Remote control
(Inhibit) function
EMC / EMI / Conducted and radiated EMI
EN55011 class B (Radiation Class A for 280ACMOP_S4 series)
EMC / EMS / ESD
IEC/EN 61000-4-2
Contact ±8KV / Air ±15KV
perf. Criteria B
EMC / EMS / Radiated Immunity
IEC/EN 61000-4-3
3V/m
perf. Criteria A
EMC / EMS / Fast Transient
IEC/EN 61000-4-4
±2kV
perf. Criteria B
EMC / EMS / Surge
IEC/EN 61000-4-5
Line to Line: ±2KV Line to PE: ±4KV
perf. Criteria B
EMC / EMS / Conducted immunity
IEC/EN 61000-4-6
10Vr.m.s
perf. Criteria A
EMC / EMS / PFMF
IEC/EN 61000-4-8
30A/m
perf. Criteria A
EMC / EMS / Dips
IEC/EN 61000-4-11
30% / 500ms
perf. Criteria B
EMC / EMS / Interruption
EN61000-4-11
>95% 5000ms
EMC standards
IEC60601-1-2 Ed4:2014
EN60601-1-2 Ed4:2015
EN55024
EN55011 Class B
EN55032 Class B
FCC Part 15 Class B
FCC Part 18 Class B
CE
Safety standards
60601-1 3rd Edition
UL/c-UL UL60950-1
UL/c-UL UL62368-1
EN60601-1 3.1rd Edition
TUV EN60950-1
TUV EN62368-1
IEC EN60601-1 3.1rd Edition
CB IEC 60950-1
CB IEC 62368-1
MTBF
100,000 h @25°C
Package
L127 ×W76.2 ×H30mm
Weight
350g
Typical characteristics
convection cooling and 18CFM forced air cooling
Derate linearly 2.5% per °C from 51 to 70°C
Convection cooling total output 210W
Derate linearly 1% per Vac from 100 to 90Vac



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com