Electronic Components Datasheet Search
  English  ▼

X  

960ACDR_SC Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 960ACDR_SC
Description  960W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

960ACDR_SC Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  960ACDR_SC Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 960ACDR_SC Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 960ACDR_SC Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 960ACDR_SC Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 960ACDR_SC Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
960ACDR_SC – Rev. 2017-1.1
Specifications subject to change without notice.
960W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Industrial DIN Rail Power Supply
960ACDR_SC Series
Mechanical dimensions
LED light
LED
DC OK Relay contact
Normal condition
Green
On
During extra power
Green
On
Overload(Hiccup mode)
Red, flicker
Off
Short circuit
Red, flicker
Off
Over temp. shut down
Red, flicker
Off
Active remote shut down
input
Red, flicker
Off
No input
OFF
Off
EMC specifications
EMC / Emission
Compliance to EN55022, EN55024, FCC PART 15 Class A
EMC / Harmonic current
Compliance to EN61000-3-2, CLASS A
EMC / Immunity
Compliance to EN61000-4-2, -3, -4, -5, -6, -11; heavy industry level
The power supply is considered as a component which will be installed into a final equipment.
The final equipment must be re-confirmed that it still meets EMC directives.
Approval
Model
Power
[W]
Output
[Vo, VDC]
Rated Current
[A]
Current Range
[A]
Ripple&Noise* [mV, max]
0~70°C
-25°C
Efficiency
[%, typ]
UL (pending)
960ACDR_24SC
960
24
40
0~40
240
480
94.4
* Measured at 20MHz of bandwidth by using a 12” twisted pair-wire terminated with a 0.1 uF & 10uF parallel capacitor.
960ACDR_SC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com