Electronic Components Datasheet Search
  English  ▼

X  

MAX6035 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6035
Description  High-Supply-Voltage, Precision Voltage Reference in SOT23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6035 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6035 Datasheet HTML 1Page - Maxim Integrated Products MAX6035 Datasheet HTML 2Page - Maxim Integrated Products MAX6035 Datasheet HTML 3Page - Maxim Integrated Products MAX6035 Datasheet HTML 4Page - Maxim Integrated Products MAX6035 Datasheet HTML 5Page - Maxim Integrated Products MAX6035 Datasheet HTML 6Page - Maxim Integrated Products MAX6035 Datasheet HTML 7Page - Maxim Integrated Products MAX6035 Datasheet HTML 8Page - Maxim Integrated Products MAX6035 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Supply-Voltage, Precision
Voltage Reference in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6035_AUR25 (2.5V)
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND)
IN ............................................................................-0.3V to +36V
OUT .............................................................-0.3V to (VIN + 0.3V)
OUT Short-Circuit Duration to GND or IN (Note 1).....Continuous
Current into Any Pin..........................................................±20mA
Continuous Power Dissipation
3-Pin SOT23 (derate 4.0mW/°C above +70°C)............320mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6035A (0.2%)
2.4950
2.5000
2.5050
Output Voltage
VOUT
TA = +25°C
MAX6035B (0.5%)
2.4875
2.5000
2.5125
V
MAX6035A
20
TA = 0°C to +70°C
MAX6035B
50
MAX6035A
25
TA = -40°C to +85°C
MAX6035B
65
MAX6035A
30
Output Voltage
Temperature Coefficient
(Note 3)
TCVOUT
TA = -40°C to +125°C
MAX6035B
75
ppm/°C
TA = +25°C4
15
Line Regulation (Note 4)
∆VOUT/∆VIN (VOUT + 2V) ≤ VIN ≤ 33V
TA = -40°C to +125°C20
µV/V
Sourcing:
0
≤ IOUT ≤ 10mA
25
70
TA = +25°C
Sinking:
-2mA
≤ IOUT ≤ 0
45
180
Sourcing:
0
≤ IOUT ≤ 10mA
85
Load Regulation (Note 4)
∆VOUT/
∆IOUT
TA = -40°C to +125°C
Sinking:
-2mA
≤ IOUT ≤ 0
225
µV/mA
Short to GND
27
OUT Short-Circuit Current
ISC
Short to IN
-4
mA
IOUT = 10µA
1.9
Dropout Voltage (Note 7)
VIN - VOUT
IOUT = 10mA
2.25
V
Note 1: Continuous power dissipation should also be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com