Electronic Components Datasheet Search
  English  ▼

X  

SS5U45 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SS5U45
Description  Surface Mount Schott ky Rectifier Reve rse Voltage 45V , Forward Current 5A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS5U45 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS5U45 Datasheet HTML 1Page - First Silicon Co., Ltd SS5U45 Datasheet HTML 2Page - First Silicon Co., Ltd SS5U45 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2013. 02. 20
1/3
Revision No : 0
SS5U45
Surface Mount Schottky Rectifier
Reverse Voltage 45V , Forward Current 5A
Features
S h ttk b
i
di d
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile
• Heatsink design
TO-277
Anode 1
TYPICAL APPLICATIONS
For low voltage high frequency inverters, DC/DC converters and polarity protection application.
Anode 1
Anode 2
Cathode
& Heatsink
Maximum Ratings
■
Electrical Characteristics
(
Ta=25℃ Unless otherwise specified)
(
Ta=25℃ Unless otherwise specified)
Parameter
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
P
eak Reverse Voltage
VRRM
VRWM
VRM
45
V
RMS Reverse voltage
VR(RMS)
31.5
V
I
t
n
e
rr
u
C
t
u
p
t
u
O
d
e
i
fi
t
c
e
R
e
g
a
r
e
v
A
O
5
A
Non-Repetitive Peak Forward Surge Current
IFSM
100
A
Junction Temperature Range
T
j
MAX
15
0
℃
Storage Temperature Range
Tstg
-55~150
℃
Typical Thermal Resistance
RθJA(Note 1)
73
/W
℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse Voltage
VR
IR
=0.3mA
45
V
Forward voltage
VF
IF
=2A
TJ=25℃
0.37
0.42
V
IF
=2A
TJ=125℃
0.26
V
IF
=5A
TJ=25℃
0.43
0.48
V
IF
=5A
TJ=125℃
0.37
V
Instantaneous Reverse Current
IR(Note 2)
VR
=45V
TJ=25℃
0.02
0.3
mA
VR
=35V
TJ=85℃
1.8
1
0
mA
VR
=45V
TJ=125℃
15
100
mA
Notes :
1. FR-4 PCB, 2oz. Copper, minimum recommended pad layout per.
2. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - SS5U45

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SS5U45 YANGJIE-SS5U45 Datasheet
157Kb / 2P
Schottky Rectifier
More results

Similar Description - SS5U45

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
LS54 GOOD-ARK-LS54 Datasheet
228Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40/45V Forward Current 5A
LSL54 GOOD-ARK-LSL54 Datasheet
195Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 5A
SGC0520S GOOD-ARK-SGC0520S Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 20~45V Forward Current 5A
logo
First Silicon Co., Ltd
SS15U45 FS-SS15U45 Datasheet
292Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 45V , Forward Current 15A
SS15U50 FS-SS15U50 Datasheet
292Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 50V , Forward Current 15A
SS15U60 FS-SS15U60 Datasheet
508Kb / 3P
Surface Mount Schottky Rectifier Reve rse Voltage 60V , Forward Current 15A
SS20U60 FS-SS20U60 Datasheet
281Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 60V , Forward Current 20A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com