Electronic Components Datasheet Search
  English  ▼

X  

SS15U45 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # SS15U45
Description  Surface Mount Schott ky Rectifier Reve rse Voltage 45V , Forward Current 15A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS15U45 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  SS15U45 Datasheet HTML 1Page - First Silicon Co., Ltd SS15U45 Datasheet HTML 2Page - First Silicon Co., Ltd SS15U45 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2013. 02. 20
1/3
Revision No : 0
SS15U45
Surface Mount Schottky Rectifier
Reverse Voltage 45V , Forward Current 15A
Features
S h ttk b
i
di d
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile
• Heatsink design
TO-277
Anode 1
TYPICAL APPLICATIONS
For low voltage high frequency inverters, DC/DC converters and polarity protection application.
Anode 1
Anode 2
Cathode
& Heatsink
Maximum Ratings
Item
Symbol
Unit
Conditions
SS15U45
Repetitive Peak Reverse Voltage
VRR
M
V
45
A
verage Rectified Output Current
I
o
A
60HZ sine wave, R- load, Ta=25℃
15
S
urge(Non-repetitive)Forward
Current
IFS
M
A
60HZ sine wave, 1 cycle, Ta=25℃
300
Current Squared Time
I2t
A2
s
1m
s≤t<8.3ms Tj=25℃
375
St
orage Temperature
Tstg
℃
-55 ~ +150
Junction Temperature
Tj
℃
0
5
1
+
~
5
5
-
Thermal Resistance(Typical)
R
θJ-C
℃
/W
Between Junction and Case
8
■
Electrical Characteristics
(
Ta=25℃ Unless otherwise specified)
Item
Symbol
Unit
Test Condition
Min
Typ
Max
Peak Forward Voltage
VF
M
V
I F
M =15.0A,Tj=25℃
-
0.43
0.46
I F
M =15.0A,Tj=125℃
-
0.38
0.41
Reverse Breakdown Voltage
VBR
V
IR
=0.5mA
45
-
-
Leakage Current
IR
mA
VR=45V,
Tj=25℃
-
-
0.5
VR=45V,
Tj=125℃
-
-
100
(
Ta=25℃ Unless otherwise specified)


Similar Part No. - SS15U45

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SS15U45 YANGJIE-SS15U45 Datasheet
218Kb / 2P
Schottky Rectifier
More results

Similar Description - SS15U45

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1545SA GOOD-ARK-SGC1545SA_15 Datasheet
257Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045SA GOOD-ARK-SGC1045SA_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
LS34AS GOOD-ARK-LS34AS_15 Datasheet
191Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 40~45V Forward Current 3A
logo
First Silicon Co., Ltd
SS5U45 FS-SS5U45 Datasheet
440Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 45V , Forward Current 5A
SS15U50 FS-SS15U50 Datasheet
292Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 50V , Forward Current 15A
SS15U60 FS-SS15U60 Datasheet
508Kb / 3P
Surface Mount Schottky Rectifier Reve rse Voltage 60V , Forward Current 15A
SS20U60 FS-SS20U60 Datasheet
281Kb / 3P
Surface Mount Schott ky Rectifier Reve rse Voltage 60V , Forward Current 20A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com