Electronic Components Datasheet Search
  English  ▼

X  

SS15U60 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # SS15U60
Description  Surface Mount Schottky Rectifier Reve rse Voltage 60V , Forward Current 15A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

SS15U60 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  SS15U60 Datasheet HTML 1Page - First Silicon Co., Ltd SS15U60 Datasheet HTML 2Page - First Silicon Co., Ltd SS15U60 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013. 08. 19
2/3
Revision No : 0
SS15U60
Rating and Characteristic Curves
0
0
TL(℃)
50
100
2
FIG1: IF(AV)--TL Derating
150
4
6
8
10
12
14
16
18
20
0.4
0.6
0.8
1.0
VF(V)
FIG3:Instantaneous Forward Voltage
0.1
10
1.0
Ta=25℃
100
0
0.2
0
20
40
60
80
100
0.01
0.1
1.0
10
100
VRM(%)
Tj=100℃
Tj=25℃
FIG4:Typical Reverse Characteristics
1
0
2
10
20
100
FIG2:Surge Forward Current Capadility
Number of Cycles
60
120
180
240
360
300
8.3ms Single Half S nce-Wave
JEDEC Method



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com