Electronic Components Datasheet Search
  English  ▼

X  

20VS1F Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 20VS1F
Description  Hybrid IC Isolation Amplifiers 20 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

20VS1F Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  20VS1F Datasheet HTML 1Page - M-System Co.,Ltd. 20VS1F Datasheet HTML 2Page - M-System Co.,Ltd. 20VS1F Datasheet HTML 3Page - M-System Co.,Ltd. 20VS1F Datasheet HTML 4Page - M-System Co.,Ltd. 20VS1F Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 20VS1F
http://www.m-system.co.jp/
20VS1F SPECIFICATIONS
ES-4433 Rev.0 Page 2/5
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
MAX. 16 (.63) 7 (.28)
15
14
13
11
10
9
7
6
5
3
2
1
20
21
22
23
24
25
26
35 (1.38) max.
PIN ASSIGNMENT
7
6
5
3
2
1
COM 1
13
11
10
9
NON-INVERTING INPUT 1
INVERTING INPUT 1
COM 2
NON-INVERTING INPUT 2
INVERTING INPUT 2
COM 3
NON-INVERTING INPUT 3
INVERTING INPUT 3
COM 4
NON-INVERTING INPUT 4
INVERTING INPUT 4
20
15
14
OUTPUT 4 (+)
24
23
22
21
POWER SUPPLY (+)
POWER SUPPLY (–)
OUTPUT (–)
OUTPUT 3 (+)
26
25
OUTPUT 1 (+)
OUTPUT 2 (+)
0.25 (.01)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
NON-INVERTING INPUT
COM1
COM2
COM3
COM4
OUTPUT (–)
1ch INPUT
INVERTING INPUT
Output
Circuit
1ch OUTPUT
2ch OUTPUT
2
1
7
24
23
6
3
5
26
25
3ch OUTPUT
21
4ch OUTPUT
20
22
Amplifier
+
–
POWER SUPPLY
Output
Circuit
Amplifier
NON-INVERTING INPUT
2ch INPUT
INVERTING INPUT
100kΩ
100kΩ
NON-INVERTING INPUT
3ch INPUT
INVERTING INPUT
Output
Circuit
10
9
15
14
11
13
Amplifier
Output
Circuit
Amplifier
NON-INVERTING INPUT
4ch INPUT
INVERTING INPUT
100kΩ
100kΩ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com