Electronic Components Datasheet Search
  English  ▼

X  

TP20DB Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP20DB
Description  20W 1.5KVDC Wide Voltage Input DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP20DB Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP20DB Datasheet HTML 1Page - Toppower Electronic Technology Limited TP20DB Datasheet HTML 2Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TP20DB Series
www.gztoppower.com
TEL:0086-20-62162688
Email:sales2@gztoppower.com
page 1 of 2
DESCRIPTION:
The rated output power of TP20DB converters is 20W,the outline dimensions is "25.4*25.4*12.7",
4:1 wide input voltage range,the voltage range is 9V-36V,18-75V .The accuracy of the converter can
reach ±1%,it can be widely used in telecommunications,railway transportation, instrument and etc.
20W 1.5KVDC Wide Voltage Input DC/DC Converters
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Voltage accuracy
±1
%
Voltage regulation
±10(V0)
%
Adjustment rate
±0.2
%
Load effect
±0.5
%
Dynamic Response
50~75% Load
±4%Vo Overshoot
%
Dynamic Response
50~25% Load
400μS Recovery
%
Temperature drift coefficient
±0.02
%/℃
FEATURES
20W output power
Long-term short-circuit protection, Auto recovery
High switching frequency , High output density
Metal shell package
With remote control and output adjustment function
RoHS compliant
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ)
%
Ripple and noise
mV)
Voltage (VDC)
Voltage(VDC)
Current(A)
Rated
Range values
TP20DB24S05W
24(4:1)
9-36
5.05
4.0
88
100
TP20DB24S12W
24(4:1)
9-36
12
1.67
88
100
TP20DB48S12W
48(4:1)
18-75
12
1.67
88
100
Input voltage 9-18VDC,start-up voltage 9.5-18VDC , input voltage 9-36VDC ,start-up voltage 9.5-36VDC.
INPUT CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage
24V Input module(9V-36V)
9.5
24
36
VDC
Input Voltage
48V Input module(18V-75V)
18
48
75
VDC
Remote Control
CNT side plus level, the reference voltage is -Vin
High frequency electric or floating , low level or ground power supply work,
output power was turned off
GENERAL CHARACTERISTICS
Parameter
Conditions
Min
Typ
Max
Units
Isolation voltage
Input-Ouput
1500
VDC
Isolation voltage
Input - shell
1500
VDC
Isolation voltage
Output nput - shell
500
VDC
Insulation resistance
500VDC
100
Switching frequency
300
KHZ
Environment temperature
-25
+95
Working temperature
-25
+55
Storage temperature
-40
+105
Relative humidity
10
90
%
PROTECTION CHARACTERISTICS
parameter
conditions
Output Over-current protection
Auto recovery
Output Short -circuit protection
Auto recovery
TOPPOWER


Similar Part No. - TP20DB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC Datasheet
641Kb / 3P
20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC12D05 TOPPOWER-TP20DC12D05 Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DC12D12 TOPPOWER-TP20DC12D12 Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DC12D15 TOPPOWER-TP20DC12D15 Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
More results

Similar Description - TP20DB

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_17 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP10DB TOPPOWER-TP10DB Datasheet
164Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP06DA_19 TOPPOWER-TP06DA_19_05 Datasheet
263Kb / 4P
6W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V01 Datasheet
688Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP20DD TOPPOWER-TP20DD_V01 Datasheet
811Kb / 4P
20W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP10DB TOPPOWER-TP10DB_V02 Datasheet
648Kb / 2P
10W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_V01 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com