Electronic Components Datasheet Search
  English  ▼

X  

LM3043N Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3043N
Description  N-Channel Trench MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3043N Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3043N Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3043N Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3043N Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3043N Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3043N Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
Characteristic
Drain-Source Breakdown Voltage
(VGS =0V, ID =250μA)
Gate Threshold Voltage
(VDS =VGS , ID =250μA)
Gate-Body Leakage Current
(VDS =0V, VGS =±12V)
Zero Gate Voltage Drain Current
(VDS =30V, VGS =0V)
Drain-Source On-Resistance
(VGS =4.5V, ID = 200mA)
Drain-Source On-Resistance
(VGS =2.5V, ID = 200mA)
Diode Forward Voltage
(IS =300mA, VGS =0V)
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Note 2: Pulse test; pulse width≤300µs, duty cycle≤ 2%
ns
V
µA
Ω
V
5.4
-
6.5
13
9.5
-
0.14
-
0.18
-
37
56
0.87
-
0.68
28
5.5
-
-
-
-
-
pF
VSD
-
IDSS
-
IGSS
-
-
-
1.2
0.46
-
-
±10
V(BR)DSS
Typ.
Max.
(VDS =15V, RL
=15Ω, VGEN
=4.5V, RG =6
Ω)
-
-
-
Crss
td(on)
tr
td(off)
tf
-
-
-
0.65
8.6
14
Qgs
Qgd
Ciss
Coss
-
-
(VDS =15V,
VGS =4.5V, ID
=1.0A)
(VDS =25V,
VGS =0V,
f=1MHz)
DYNAMIC PARAMETERS
VGS(th)
Symbol
Min.
30
-
0.45
-
-
STATIC CHARACTERISTICS
RDS(ON)
Qg
Unit
1
-
1.5
nC
Rev :
www.leiditech.com
01.06.2018
2/5
LM3043N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com