Electronic Components Datasheet Search
  English  ▼

X  

LR431APTLT1G Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LR431APTLT1G
Description  PROGRAMMABLE PRECISION REFERENCE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LR431APTLT1G Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LR431APTLT1G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LR431APTLT1G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LR431APTLT1G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LR431APTLT1G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LR431APTLT1G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SOT-23 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
A2
b
c
D
E
E1
e
e1
L
L1
Min
0.900
0.000
0.900
0.300
0.080
2.800
1.200
2.250
1.800
0.300
0°
Max
1.100
0.100
1.000
0.500
0.150
3.100
1.610
2.550
2.000
0.500
8°
Min
0.035
0.000
0.035
0.012
0.003
0.110
0.047
0.089
0.071
0.012
0°
Max
0.043
0.004
0.039
0.020
0.006
0.118
0.055
0.100
0.079
0.020
8°
Dimensions In Millimeters
Dimensions In Inches
0.037TPY
0.022REF
0.950TPY
0.550REF
D
b
e1
C
0.2
e
LR431ATLT1G Series
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com