Electronic Components Datasheet Search
  English  ▼

X  

MBR40100CT Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR40100CT
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR40100CT Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR40100CT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR40100CT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR40100CT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ Productor Character
●
Multilayer Metal -Silicon Potential Structure.
●
Beautiful High Temperature Character.
●
Have Over Voltage protect loop,high reliability.
●
RoHs Product.
■Primary Use
●
Low Voltage High Frequency Switching Power Supply.
●
Low Voltage High Frequency Invers Circuit.
●
Low Voltage Continued Circuit and Protection Circuit.
■Summarize
Absolute Maximum Ratings
Symbol
Data
Unit
VRRM
100
V
IFAV
40
A
RθJc
2
℃/W
IFSM
250
A
dv/dt
10000
V/uS
IRRM
0.5
A
TJ
-40- +150
℃
TSTG
-40- +150
℃
Electricity Character
Item
TYP.
Unit
TJ =25℃
mA
TJ =125℃
mA
TJ =25℃
IF=20A
0.79
V
TJ =125℃
IF=20A
V
*IF(AV)= 20A×2
●
MBR40100CT Device optimized for ultra-low forward
voltage drop to maximize efficiency in Power Supply applications.
Item
Maximal Inverted Repetitive Peak Voltage
*Average Rectified Forward Current (Rated VR-20Khz Square
Wave) - 50% duty cycle
Typical Thermal Resistance(per leg)
Package =TO-220AB
Forward Peak Surge Current(Rated Load 8.3 Half Mssine
Wave-According to JEDEC Method)
Maximum Rate of Voltage Change ( at Rated VR )
Peak Repetitive Reverse Surge Current (2uS-1Khz)
Operating Junction Temperature
0.84
0.73
Storage Temperature
Test Condition
MAX.
0.05
IR
VF
VR=VRRM
TO-220AB
25
PIN2/PIN4
PIN3
PIN1
1 2 3
4
Schottky Barrier Rectifiers
MBR40100CT
Rev :
www.leiditech.com
01.06.2015
1/3


Similar Part No. - MBR40100CT

ManufacturerPart #DatasheetDescription
logo
Sensitron
MBR40100CT SENSITRON-MBR40100CT Datasheet
87Kb / 5P
SCHOTTKY RECTIFIER
logo
Sirectifier Global Corp...
MBR40100CT SIRECT-MBR40100CT Datasheet
145Kb / 3P
Power Schottky Rectifier - 40Amp 100Volt
MBR40100CT SIRECT-MBR40100CT Datasheet
147Kb / 4P
Power Schottky Rectifier - 40Amp 100Volt
logo
Kersemi Electronic Co.,...
MBR40100CT KERSEMI-MBR40100CT Datasheet
1Mb / 4P
Power Schottky Rectifier - 40Amp 100Volt
logo
Microdiode Semiconducto...
MBR40100CT CHENDA-MBR40100CT Datasheet
667Kb / 2P
40 to 200 Volts Forward Current - 40.0 Amperes
More results

Similar Description - MBR40100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com