Electronic Components Datasheet Search
  English  ▼

X  

MBR60100CT Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR60100CT
Description  Multilayer Metal -Silicon Potential Structure.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR60100CT Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR60100CT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR60100CT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR60100CT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ Productor Character
■ Primary Use
● Multilayer Metal -Silicon Potential Structure.
● Low Leakage Current.
● High Current Capability, High Efficiency.
● High Junction Temperature Capability.
● RoHs Product.
● Low Voltage High Frequency Switching Power
Supply.
● Low Voltage High Frequency Invers Circuit.
● Low Voltage Continued Circuit and Protection
Circuit.
■ Summarize
■ Equivalent Circuit
● MBR60100CT Device optimized for ultra-low forward
voltage drop to maximize efficiency in Power Supply
applications.
TO-220AB
MBR60100CT
MBR60100G*T
G*=Green / Halogen Free
Absolute Maximum Ratings
Item
Symbol
Data
Unit
Maximal Inverted Repetitive Peak Voltage
VRRM
100
V
*Average Rectified Forward Current (Rated VR-20Khz Square
Wave) - 50% duty cycle
IFAV
60
A
Forward Peak Surge Current(Rated Load 8.3 Half Mssine Wave-
According to JEDEC Method)
IFSM
450
×2
A
Operating Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-40~150
℃
Typical Thermal Resistance(per leg)
Package=TO-220AB
RθJC
2
℃/W
Electricity Character
Item
Test Condition
Value(min)
Value(typ)
Value(max)
Unit
VB
TJ =25℃
IR=1mA
100
---
---
V
IR
TJ =25℃
VR=100V
---
---
0.02
mA
TJ =125℃
VR=100V
---
---
10.00
mA
V
F
TJ =25℃
IF=30A
(IFAV=30A×2)
---
0.83
0.88
V
TJ =125℃
---
---
0.75
V
A
A
K
A
A
K
MBR60100CT
Rev 2.0 :
www.leiditech.com
12.01.2019
1/3


Similar Part No. - MBR60100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR60100CT VISHAY-MBR60100CT Datasheet
79Kb / 2P
Dual High-Voltage Schottky Rectifiers
10-May-04
logo
Sirectifier Global Corp...
MBR60100CT SIRECT-MBR60100CT Datasheet
147Kb / 4P
Power Schottky Rectifier - 60Amp 100Volt
logo
America Semiconductor, ...
MBR60100CT AMERICASEMI-MBR60100CT Datasheet
599Kb / 2P
HIGH POWER -SCHOTTKY RECTIFIERS
logo
Sangdest Microelectroni...
MBR60100CT SMC-MBR60100CT Datasheet
183Kb / 6P
SCHOTTKY RECTIFIER
logo
Inchange Semiconductor ...
MBR60100CT ISC-MBR60100CT Datasheet
293Kb / 2P
Schottky Barrier Rectifier
More results

Similar Description - MBR60100CT

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
ZCPR AZETTLER-ZCPR Datasheet
463Kb / 4P
MOTOR START POTENTIAL RELAY
logo
Shanghai Semitech Semic...
MSMF05C SEMITECH-MSMF05C Datasheet
181Kb / 3P
Monolithic Structure
logo
OSA Opto Light GmbH
150234-1050 OSA-150234-1050 Datasheet
43Kb / 2P
Mesa structure
150234-1060 OSA-150234-1060 Datasheet
43Kb / 2P
Structure
logo
WAGO Kontakttechnik Gmb...
830-800-000-302 WAGO-830-800-000-302 Datasheet
328Kb / 7P
Potential distribution module; 1 potential; with 1 input clamping point
23.11.2021
830-800-000-303 WAGO-830-800-000-303 Datasheet
352Kb / 7P
Potential distribution module; 1 potential; with 1 input clamping point
23.11.2021
830-800-000-312-000-006 WAGO-830-800-000-312-000-006 Datasheet
328Kb / 7P
Potential distribution module; 1 potential; with 1 input clamping point
23.11.2021
830-800-000-312 WAGO-830-800-000-312 Datasheet
328Kb / 7P
Potential distribution module; 1 potential; with 1 input clamping point
23.11.2021
830-800-000-313 WAGO-830-800-000-313 Datasheet
350Kb / 7P
Potential distribution module; 1 potential; with 1 input clamping point;
23.11.2021
830-800-000-314 WAGO-830-800-000-314 Datasheet
340Kb / 7P
Potential distribution module; 1 potential; with 2 input clamping points each
23.11.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com