Electronic Components Datasheet Search
  English  ▼

X  

2SC3707 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3707
Description  Silicon NPN epitaxial planer type(For UHF amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3707 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3707 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3707 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC3707
Silicon NPN epitaxial planer type
For UHF amplification
s Features
q
Possible with the small current and low voltage.
q
High transition frequency fT.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Bae
JEDEC:TO–236
2:Emitter
EIAJ:SC–59
3:Collector
Mini Type Package
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
10
7
2
10
50
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Forward current transfer ratio
Transition frequency
Collector output capacitance
Foward transfer gain
Maximum unilateral power gain
Noise figure
Symbol
ICBO
IEBO
hFE
fT
Cob
| S21e |
2
GUM
NF
Conditions
VCB = 10V, IE = 0
VEB = 1.5V, IC = 0
VCE = 1V, IC = 1mA
VCE = 1V, IC = 1mA, f = 800MHz
VCB = 1V, IE = 0, f = 1MHz
VCE = 1V, IC = 1mA, f = 800MHz
VCE = 1V, IC = 1mA, f = 800MHz
VCE = 1V, IC = 1mA, f = 800MHz
min
50
typ
100
4
0.4
6
15
3.5
max
1
1
150
Unit
nA
µA
GHz
pF
dB
dB
dB
Marking symbol :
2X
Note: Handle the product with care because this is sensitive to the electrostatic breakdown by its structure.


Similar Part No. - 2SC3707

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3707 KEXIN-2SC3707 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar type
More results

Similar Description - 2SC3707

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2671 PANASONIC-2SC2671 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3704 PANASONIC-2SC3704 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3829 PANASONIC-2SC3829 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3937 PANASONIC-2SC3937 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4410 PANASONIC-2SC4410 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4808 PANASONIC-2SC4808 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4835 PANASONIC-2SC4835 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4968 PANASONIC-2SC4968 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5019 PANASONIC-2SC5019 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com