Electronic Components Datasheet Search
  English  ▼

X  

KBJ610 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # KBJ610
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

KBJ610 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  KBJ610 Datasheet HTML 1Page - First Silicon Co., Ltd KBJ610 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
KBJ6005 ~ KBJ610
2013 04 15
1/2
Revision No : 0
Bridge Rectifier
■ Features
■ Outline Dimensions and Mark
●
Io
6A
●
VRRM
50V~1000V
●
Glass passivated chip
●
High surge forward current capability
■ Applications
●
General purpose 1 phase Bridge
rectifier applications
■ Limiting Values(Absolute Maximum Rating)
KBJ6
Item
Symbol Unit
Conditions
005 01 02 04
06 08 10
Repetitive Peak Reverse
Voltage
VRRM
V
50
100 200 400 600 800 1000
With heatsink Tc =110℃
6
Average Rectified Output
Current
IO
A
60Hz sine wave,
R-load
Without heatsink Ta =25℃
2.8
Surge(Non-
repetitive)Forward Current
IFSM
A
60HZ sine wave, 1 cycle, Tj=25℃
135
Current Squared Time
I
2t
A
2S
1ms≤t<8.3ms Tj=25℃,Rating of per diode
75
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+150
Dielectric Strength
Vdis
KV
Terminals to case,AC 1 minute
2
Mounting Torque
Tor
kg·
cm
Recommend torque:5kg·cm
8
■ Electrical Characteristics(T
a=25℃ Unless otherwise specified)
Item
Symbol Unit
Test Condition
Max
Peak Forward Voltage
VFM
V
IFM=3A, Pulse measurement, Rating of per diode
1.05
Peak Reverse Current
IRRM
VRM=VRRM , Pulse measurement, Rating of per diode
10
RθJ-A
Between junction and ambient, Without heatsink
26
Thermal Resistance
RθJ-C
℃/W
Between junction and case, With heatsink
3.4
Dimensions in inches and (millimeters)
+
~
~
-
4KBJ
.708(18.0)
.669(17.0)
.303(7.7)
.287(7.3)
.043(1.1)
.035(0.9)
HOLE FOR NO.
6 SCREW
.150(3.8)
.134(3.4)
.189(4.8)
.173(4.4)
.13
3. )
.122 3.1)
DIA
.031(0.8)
.023(0.6)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.083(2.1)
.069(1.7)
.057(1.45)
.041(1.05)
.146(3.7)
.130(3.3)
.398(10.1)
.374(9.5)
.134(3.4)
.126(3.2)
.602(15.3)
.578(14.7)
.995(25.3)
.983(24.7)
.165(4.2)
.150(3.8)
㎂


Similar Part No. - KBJ610

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBJ610 ETC1-KBJ610 Datasheet
220Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
logo
RFE international
KBJ610 RFE-KBJ610 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ610 LUGUANG-KBJ610 Datasheet
142Kb / 2P
Silicon Bridge Rectifiers
logo
First Components Intern...
KBJ610 FCI-KBJ610 Datasheet
145Kb / 2P
6.0 Amps Single Phase Silicon Bridge Rectifiers Ideal for printed circuit board
logo
Suntan Capacitors
KBJ610 SUNTAN-KBJ610 Datasheet
368Kb / 2P
Ideal for printed circuit board
More results

Similar Description - KBJ610

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com