Electronic Components Datasheet Search
  English  ▼

X  

KBP310 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # KBP310
Description  Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

KBP310 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  KBP310 Datasheet HTML 1Page - First Silicon Co., Ltd KBP310 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
KBP3005 ~ KBP310
2014 11 28
1/2
Revision No : 0
■ Features
■ Outline Dimensions and Mark
●
Io
3A
●
VRRM
50V~1000V
●
Glass passivated chip
● High surge forward current capability
■ Applications
●
General purpose 1 phase Bridge
rectifier applications
■ Limiting Values(Absolute Maximum Rating)
KBP3
Item
Symbol
Unit
Conditions
005 01 02 04
06 08 10
Repetitive Peak Reverse Voltage
VRRM
V
50
100 200 400 600 800 1000
Average Rectified Output
Current
IO
A
60HZ sine wave,
R- load, Ta=30℃
3
Surge(Non-repetitive)Forward
Current
IFSM
A
60HZ sine wave, 1 cycle, Ta=25℃
80
Current Squared Time
I
2t
A
2s
1ms
≤t <8.3ms Tj=25 ,Rat
℃
ing of
per diode
26.5
Storage Temperature
Tstg
℃
-55 ~+150
Junction Temperature
Tj
℃
-55 ~+150
■ Electrical Characteristics(T
a=25℃ Unless otherwise specified)
Item
Symbol Unit
Test Condition
Max
Peak Forward Voltage
VFM
V
I
FM=3A, Pulse measurement, Rating of per diode
1.1
Peak Reverse Current
IRRM
μA
VRM=VRRM , Pulse measurement, Rating of per diode
10
R
θJ-A
Between junction and ambient
20
Thermal Resistance
(1)
R
θJ-L
/W
℃
Between junction and lead
11
Notes
:
(1)Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47×0.47”(12×12mm) copper
pads
Dimensions in inches and (millimeters)
KBP
+
AC
-
.457(11.6)
.434(11.0)
.500(12.7)
MIN
.050(1.27)
.043(1.10)
.035(0.90)
.028(0.70)
.160(4.10)
.140(3.60)
SPACING
.153(3.90)
.146(3.70)
.590(15.0)
.567(14.4)
Bridge Rectifier


Similar Part No. - KBP310

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP310 MCC-KBP310 Datasheet
431Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
KBP310 YANGJIE-KBP310 Datasheet
270Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBP310 CHENG-YI-KBP310 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP310 LUGUANG-KBP310 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
Formosa MS
KBP310 FORMOSA-KBP310 Datasheet
191Kb / 6P
3.0A Glass Passivated Single Phase Bridge Rectifiers-50-1000V
More results

Similar Description - KBP310

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKDT115 SEMIKRON-SKDT115 Datasheet
525Kb / 3P
Bridge Rectifier
SK80D12F SEMIKRON-SK80D12F_08 Datasheet
435Kb / 3P
Bridge Rectifier
logo
Sensitron
SCP-1839 SENSITRON-SCP-1839 Datasheet
80Kb / 2P
RECTIFIER BRIDGE
logo
Zowie Technology Corpor...
Z4GP20JLH ZOWIE-Z4GP20JLH Datasheet
327Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
SKBPC3504 YANGJIE-SKBPC3504 Datasheet
93Kb / 2P
Bridge Rectifier
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Zowie Technology Corpor...
Z4GP30MPH ZOWIE-Z4GP30MPH Datasheet
66Kb / 4P
Bridge Rectifier
Z4SGP30MDPH ZOWIE-Z4SGP30MDPH Datasheet
64Kb / 2P
Bridge Rectifier
logo
Guangdong Juxing Electr...
KBJ6005 JUXING-KBJ6005_18 Datasheet
1Mb / 2P
BRIDGE RECTIFIER
logo
SiPower Inc.
T1ZBFDIP SIPOWER-T1ZBFDIP Datasheet
321Kb / 2P
Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com