Electronic Components Datasheet Search
  English  ▼

X  

SPG67-141 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SPG67-141
Description  Glass discharge tube
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SPG67-141 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SPG67-141 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
V
MΩ
DC
PF
140
100
50V
≤1
棕红蓝
200
100
100V
≤1
红橙蓝
300
100
100V
≤1
橙红白
400
100
250V
≤1
黄红白
500
100
250V
≤1
蓝红白
600
100
250V
≤1
紫红
白
型号
①
②
③
④
P
L1-L2
T
Z
R
t
S
5±0.5
1MAX
6±1
1.2MAX
0MAX
6MAX
0.8MAX
SPG67
SPG67-601
本公司SPG系列。主要用于防止浪涌电流或者过电压对设备造成损坏,
1
SPG67-401
φ2.6±0.04
6.7±0.1
单位:mm
材料应用:
4.更新换代容易,可直接替代LC滤波组件、热敏电阻、压敏电阻和普通气体放电管等保安单元;
3.寄生电容小于己于1PF(1kHz
6v),可用于高频信号、高速传输设备。
1.对高档电视机和监视器的栅极和R、G、B三枪作静电保护
2.用于电话线上对电话机、传真机、调制解调器等进行浪涌保护
28.40±0.05
1.SPG系列
φ0.5±0.05
5.体积小,价格低廉,脉冲寿命长。
3.用在各种电器上防静电。
材料参数:
产品介绍:
6000
1
1
SPG67-201
750
1
1
SPG67-301
800
850
SPG67-501
900
标称直流
击穿电压
冲击击穿电压
1
色环
1.电流承受能力强:1000A(8×20μsec)
2.反应灵敏,吸收速度在纳秒级,残余电压接近其直流转折电压,从而能及时有效地吸收瞬间高压。
主要特点:
耐恒击电流
绝缘电阻
V
电容
玻璃放电管
外观尺寸图:
材料包装:
SPG67-141
700
KA
型号
Rev : 01.06.2014
1/1
www.leiditech.com
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059


Similar Part No. - SPG67-141

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SPG67-141 LEIDITECH-SPG67-141 Datasheet
1Mb / 5P
Less decay at on/off state
More results

Similar Description - SPG67-141

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MGT MERITEK-MGT Datasheet
310Kb / 11P
Gas Discharge Tube
logo
Ruilongyuan Electronics...
3RB-6 RUILON-3RB-6 Datasheet
727Kb / 6P
Gas Discharge Tube
3RD-8 RUILON-3RD-8 Datasheet
725Kb / 6P
Gas Discharge Tube
logo
Bourns Electronic Solut...
2035-110-SM-RPLF BOURNS-2035-110-SM-RPLF Datasheet
225Kb / 2P
Gas Discharge Tube
logo
StarHope
GSM075L SPSEMI-GSM075L Datasheet
267Kb / 3P
Gas Discharge Tube
GSM075Q SPSEMI-GSM075Q Datasheet
314Kb / 3P
Gas Discharge Tube
GSP075F SPSEMI-GSP075F Datasheet
380Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
SMD4532-070NF LEIDITECH-SMD4532-070NF Datasheet
286Kb / 4P
Gas Discharge Tube
G3L LEIDITECH-G3L Datasheet
168Kb / 1P
Glass Discharge Tube
G3S LEIDITECH-G3S Datasheet
183Kb / 1P
Glass Discharge Tube
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com