Electronic Components Datasheet Search
  English  ▼

X  

SS15U60 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS15U60
Description  High forward surge capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS15U60 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS15U60 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS15U60 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS15U60 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Characteristics Curves
0.01
0.10
1.00
10.00
0
100
200
300
400
500
600
700
800
Instantaneous Forward Voltage (mV)
Fig 1. Typical Instantaneous Forward
Characteristics
Ta=25℃
Ta=85℃
Ta=100℃
Ta=125℃
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
20
30
40
50
60
70
80
90 100
Percent of Rated Peak Reverse Voltage (%)
Fig 2. Typical Reverse Characteristics
Ta=25℃
Ta=85℃
Ta=100℃
Ta=125℃
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
25
50
75
100
125
150
175
Lead temperature (℃
℃
℃
℃)
Fig 3. Typical Forward Current
Derating Curve
0
50
100
150
200
250
300
350
400
450
0
20
40
60
80
100
Number of Cycles at 60Hz
Fig 4. Max. Non-repetitive Forward Surge
Current
SS15U60
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com