Electronic Components Datasheet Search
  English  ▼

X  

10JPA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10JPA
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10JPA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10JPA Datasheet HTML 1Page - M-System Co.,Ltd. 10JPA Datasheet HTML 2Page - M-System Co.,Ltd. 10JPA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: 10JPA
http://www.m-system.co.jp/
10JPA SPECIFICATIONS
ES-0873 Rev.11 Page 1/3
High-density Signal Conditioners 10-RACK
FREQUENCY TRANSMITTER
(field-programmable)
Functions & Features
• Converting the output from a pulse-type transducer into
two standard process signals
• Microprocessor based
• Field-programmable frequency range
• Linearization available for flow compensation
• Averaging non-uniform pulses
• Excitation
• Loop testing via hand-held programmer PU-2x
• Optional second channel output available at the front
terminals and at the Standard Rack connector
Typical Applications
• Positive displacement flowmeters, turbine flowmeters and
vortex flowmeters
• Proximity switches
• Oval flowmeters
MODEL: 10JPA–[1][2][3]–R[4]
ORDERING INFORMATION
• Code number: 10JPA-[1][2][3]-R[4]
Specify a code from below for each [1] through [4].
(e.g. 10JPA-2A6-R/Q)
• Frequency range (e.g. 0 – 152.3 Hz)
• Linearization data (max. 16 points)
Use Ordering Information Sheet (No. ESU-1673) to specify
linearization data when the I/O signals are non-linear.
• Specify the specification for option code /Q
(e.g. /C01)
Note: Consult factory on applications with a sensor handling
periodically (& quickly) changing frequency (e.g. oval
flowmeter).
[1] INPUT
1: Open collector (Excitation: 12 V @ 30 mA)
2: Voltage pulse (Excitation: 12 V @ 30 mA)
3: Mechanical contact (Excitation: 12 V @ 30 mA)
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
Voltage
6: 1 – 5 V DC (Load resistance 500 Ω min.)
[3] OUTPUT 2
0: None
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Programming Unit (model: PU-2x)
• PC configurator software (model: JXCON)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector


Similar Part No. - 10JPA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
10J303 TOSHIBA-10J303 Datasheet
291Kb / 6P
N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS)
10J4B41 TOSHIBA-10J4B41 Datasheet
117Kb / 1P
RECTIFIER STACK (BRIDGE)
logo
Nihon Inter Electronics...
10JDA10 NIEC-10JDA10 Datasheet
40Kb / 5P
DIODE - 1A 100V TJ = 150C
logo
SUNMATE electronic Co.,...
10JDA10 SUNMATE-10JDA10 Datasheet
305Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
logo
National Instruments Co...
10JDA10 NI-10JDA10_15 Datasheet
141Kb / 1P
Standard Recovery Diode
More results

Similar Description - 10JPA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com