Electronic Components Datasheet Search
  English  ▼

X  

10JDL Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10JDL
Description  High-density Signal Conditioners 10-RACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10JDL Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10JDL Datasheet HTML 1Page - M-System Co.,Ltd. 10JDL Datasheet HTML 2Page - M-System Co.,Ltd. 10JDL Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: 10JDL
http://www.m-system.co.jp/
10JDL SPECIFICATIONS
ES-0874 Rev.12 Page 2/3
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Rack-mounted; terminal access via screw
terminals at the front and via card-edge connector at the
rear; terminal cover provided
Connection
Input: M3.5 screw terminals (torque 0.8 N·m)
Output: Card-edge connector and M3.5 screw terminals
(torque 0.8 N·m)
Power input: Supplied from card-edge connector
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Linearization: 16 points max. represented as percentage of
full-scale
Adjustments: Programming Unit (model: PU-2x);
linearization data, zero and span, simulating output, etc.
(Refer to the users manual of JXCON for the adjustments
configurable with JXCON.)
SUPPLY OUTPUT
Output voltage: 24 – 28 V DC with no load
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 30 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
OUTPUT SPECIFICATIONS
The output goes below 0 % when the input is open.
LINEARIZATION
•No linearization: The output is proportional to the input.
•Segment data: 16 points (15 segments) max. within the
range of -15.00 to +115.00 % input or output represented
as percentage of fullscale
•Square root extraction
Low-end cutout: 5 % (output); curve characteristics as in the
figure below
INPUT
6%
5%
0
■ Square root extraction
• Thermocouple linearizable range
USABLE RANGE
T/C
°C
°F
(PR)
0 to 1760
32 to 3200
K (CA)
-270 to +1370
-454 to +2498
E (CRC)
-270 to +1000
-454 to +1832
J (IC)
-210 to +1200
-346 to +2192
T (CC)
-270 to +400
-454 to +752
B (RH)
0 to 1820
32 to 3308
R
-50 to +1760
-58 to +3200
S
-50 to +1760
-58 to +3200
Remark: For the temperatures that range below 0 °C, the
transmitter may partially not satisfy the described accuracy.
Consult factory.
• RTD linearizable range
USABLE RANGE
RTD
°C
°F
JPt 100 (JIS ’89)
-200 to +500
-328 to +932
Pt 100 (JIS ’89)
-200 to +650
-328 to +1202
Pt 100 (JIS ’97, IEC)
-200 to +650
-328 to +1202
Pt 50Ω (JIS ’81)
-200 to +500
-328 to +932
Ni 508.4Ω
-50 to +200
-58 to +392
Remark: Pt 100 (JIS ’89) is deviated from Pt 100 (JIS ’97) only
within the described accuracy.
INSTALLATION
Current consumption: Approx. 75 mA with voltage output 1
Approx. 100 mA with current output 1
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Standard Rack 10BXx
Weight: 220 g (0.49 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % with segment gain ≤ 1 [±0.1 % × gain]
with segment gain > 1
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 0.5 sec. (0 – 90 %)
Line voltage effect
Output signal: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 500 V AC @ 1 minute



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com