Electronic Components Datasheet Search
  English  ▼

X  

10BX Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # 10BX
Description  High-density Signal Conditioners 10-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10BX Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  10BX Datasheet HTML 1Page - M-System Co.,Ltd. 10BX Datasheet HTML 2Page - M-System Co.,Ltd. 10BX Datasheet HTML 3Page - M-System Co.,Ltd. 10BX Datasheet HTML 4Page - M-System Co.,Ltd. 10BX Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: 10BX
http://www.m-system.co.jp/
10BX SPECIFICATIONS
ES-0891 Rev.12 Page 1/5
High-density Signal Conditioners 10-RACK
STANDARD RACK
Functions & Features
• Standard 19" rack for 10-RACK signal conditioners
• 4 – 16 modules mountable
• Line power access at the terminal card, supplied via the
rear rack bus
• Direct interface to various DCS with the rack side
connector
MODEL: 10BX–[1][2]
ORDERING INFORMATION
• Code number: 10BX-[1][2]
Specify a code from below for each [1] and [2].
(e.g. 10BX-1/W/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] CAPACITY & TERMINAL CARD FUNCTION
1: 16 ch.; 24 V DC powered
2-K: 15 ch.; 85 – 132 V AC powered
2-L: 15 ch.; 170 – 264 V AC powered
3: 15 ch.; 24 V DC & 85 – 132 V AC powered
(two independent power sources)
4: 16 ch.; 24 V DC (Fujitsu FCN type I/O connector)
7: 16 ch.; 24 V DC (Yokogawa VMx / PM1 card use)
8: 16 ch.; 24 V DC (Omron 3G8B2-NA000 / NA001 use)
10: 16 ch.; 24 V DC (Nippon Shokubai DCS use)
11: 16 ch.; 24 V DC (Azbil J-HAM50 / J-HMM00 module use)
12: 16 ch.; 24 V DC (Azbil J-AOM10 module use)
13: 8 ch.; 24 V DC (Azbil J-PIM00 module use)
A: 4 ch.; 24 V DC powered
B: 4 ch.; 85 – 132 V AC powered
C: 9 ch.; 24 V DC powered
D-K: 8 ch.; 85 – 132 V AC powered
D-L: 8 ch.; 170 – 264 V AC powered
M-System guarantees the connecting section.
[2] OPTIONS (multiple selections)
Mounting Bracket
blank: Rack mounting, standard
/W: Surface mounting
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Power supply and signal conditioner side of the main PWB are not coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Blank filler plate (model: P-101)
• Connector terminal block (model: CNT)
• Special cable with 40-pin connector (model: FCN)
GENERAL SPECIFICATIONS
Construction: Metal plates assembly
Coating: Zn-Cr (black), alumetized steel
Connection
Power input: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated brass
Isolation: I/O connector to power to FG
INSTALLATION
Power consumption
•AC: 85 – 132 V or 170 – 264 V, 47 – 63 Hz, 130 VA
minimum
•DC: Operating voltage range 24 V DC ±10 %, 2.5 A
minimum (ripple 10 % p-p max.)
Operating temperature: -5 to +55°C (23 to 131°F) 0 to 50°C
(32 to 122°F) for AC power
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting
15, 16-position rack, 10BX-13: JIS or EIA standard rack or
surface
4, 8, 9-position rack: Angle bracket or surface
Weight
10BX-1, 4, 7, 8, 10, 11, 12, 13, D: 1.9 kg (4.2 lb)
10BX-2, 3: 2.3 kg (5.1 lb)
10BX-A: 1.1 kg (2.4 lb)
10BX-B: 1.3 kg (2.9 lb)
10BX-C: 1.5 kg (3.3 lb)


Similar Part No. - 10BX

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10BXA MSYSTEM-10BXA Datasheet
100Kb / 3P
High-density Signal Conditioners 10-RACK
10BXA-R MSYSTEM-10BXA-R Datasheet
100Kb / 3P
High-density Signal Conditioners 10-RACK
10BXA-R/Q MSYSTEM-10BXA-R/Q Datasheet
100Kb / 3P
High-density Signal Conditioners 10-RACK
10BXAN MSYSTEM-10BXAN Datasheet
103Kb / 3P
High-density Signal Conditioners 10-RACK
10BXAN-1 MSYSTEM-10BXAN-1 Datasheet
103Kb / 3P
High-density Signal Conditioners 10-RACK
More results

Similar Description - 10BX

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
10JT MSYSTEM-10JT Datasheet
101Kb / 3P
High-density Signal Conditioners 10-RACK
10JFT MSYSTEM-10JFT Datasheet
177Kb / 5P
High-density Signal Conditioners 10-RACK
10EHZ MSYSTEM-10EHZ Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10EC MSYSTEM-10EC Datasheet
67Kb / 1P
High-density Signal Conditioners 10-RACK
10DNY MSYSTEM-10DNY Datasheet
97Kb / 3P
High-density Signal Conditioners 10-RACK
10CA MSYSTEM-10CA Datasheet
93Kb / 3P
High-density Signal Conditioners 10-RACK
10BOS MSYSTEM-10BOS Datasheet
99Kb / 3P
High-density Signal Conditioners 10-RACK
10AP MSYSTEM-10AP Datasheet
116Kb / 3P
High-density Signal Conditioners 10-RACK
10ABS MSYSTEM-10ABS Datasheet
86Kb / 2P
High-density Signal Conditioners 10-RACK
10YS MSYSTEM-10YS Datasheet
91Kb / 3P
High-density Signal Conditioners 10-RACK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com