Electronic Components Datasheet Search
  English  ▼

X  

MB20101DBN Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MB20101DBN
Description  HIGH FREQUENCY CERAMIC CAPACITORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MB20101DBN Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MB20101DBN Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MB20101DBN Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MB20101DBN Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MB20101DBN Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MB20101DBN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MB20101DBN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APPLICATION SPECIFIC CAPACITORS
MINIATURE MICROWAVE CERAMIC CAPACITORS
120
CG01-J
MA10 & 50 SERIES, P90 & COG – CASE SIZE 1
MA70 SERIES, X7R – CASE SIZE 1
MACase Size 1 Series
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
0R1
0.1
B
150
0R2
0.2
“
150
0R3
0.3
B,C
150
0R4
0.4
“
150
0R5
0.5
B,C,D
150
0R6
0.6
“
150
0R7
0.7
“
150
0R8
0.8
“
150
0R9
0.9
“
150
1R0
1.0
“
150
1R1
1.1
“
150
1R2
1.2
“
150
1R3
1.3
“
150
1R4
1.4
“
150
1R5
1.5
“
150
1R6
1.6
“
150
1R7
1.7
“
150
1R8
1.8
“
150
1R9
1.9
“
150
2R0
2.0
“
150
2R2
2.2
“
150
2R4
2.4
“
150
2R7
2.7
“
150
3R0
3.0
“
150
3R3
3.3
“
150
3R6
3.6
“
150
3R9
3.9
“
150
4R3
4.3
“
150
*@ 125°C
**Extended Cap Range, COG only
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
680
68
F,G,J,K,M
150
750
75
“
150
820
82
“
150
910
91
“
150
101
100
“
150
111**
110
“
50
121**
120
“
50
131**
130
“
50
151**
150
“
50
161**
160
“
50
181**
180
“
50
201**
200
“
50
221**
220
“
50
241**
240
“
50
271**
270
“
50
301**
300
“
50
331**
330
“
50
361**
360
“
50
391**
390
“
50
431**
430
“
50
471**
470
“
50
511**
510
“
50
561**
560
“
50
621**
620
“
50
681**
680
“
50
751**
750
“
50
821**
820
“
50
911**
910
“
50
102**
1000
“
50
*@ 125°C
Cap.
Cap.
Cap.
WVDC*
Code
pF
Tol.
4R7
4.7
B,C,D
150
5R1
5.1
“
150
5R6
5.6
“
150
6R2
6.2
“
150
6R8
6.8
B,C,J,K,M
150
7R5
7.5
“
150
8R2
8.2
“
150
9R1
9.1
“
150
100
10
F,G,J,K,M
150
110
11
“
150
120
12
“
150
130
13
“
150
150
15
“
150
160
16
“
150
180
18
“
150
200
20
“
150
220
22
“
150
240
24
“
150
270
27
“
150
300
30
“
150
330
33
“
150
360
36
“
150
390
39
“
150
430
43
“
150
470
47
“
150
510
51
“
150
560
56
“
150
620
62
“
150
*@ 125°C
Cap.
Cap.
Cap.
WVDC***
Code
pF
Tol.
511
510
K,M,Z
50
561
560
“
50
621
620
“
50
681
680
“
50
751
750
“
50
821
820
“
50
911
910
“
50
102
1000
“
50
112
1100
“
50
122
1200
“
50
132
1300
“
50
***@ 85°C
Cap.
Cap.
Cap.
WVDC***
Code
pF
Tol.
152
1500
K,M,Z
50
162
1600
“
50
182
1800
“
50
202
2000
“
50
222
2200
“
50
242
2400
“
50
272
2700
“
50
302
3000
“
50
332
3300
“
50
362
3600
“
50
392
3900
“
50
***@ 85°C
Cap.
Cap.
Cap.
WVDC***
Code
pF
Tol.
432
4300
K,M,Z
50
472
4700
“
50
512
5100
“
50
562
5600
“
50
622
6200
“
50
682
6800
“
50
752
7500
“
50
822
8200
“
50
912
9100
“
50
103
10000
“
50
***@ 85°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com