Electronic Components Datasheet Search
  English  ▼

X  

SS1520 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SS1520
Description  15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SS1520 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SS1520 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SS1520 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SS1520 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Suggested Soldering Temperature Profile
Recom m ended reflow m ethods: IR, vapor phase oven, hot air oven, wave solder.
The device can be exposed to a m axim um tem perature of 265°C for 10 seconds.
Devices can be cleaned using standard industry m ethods and solvents.
If reflow temperatures exceed the recom m ended profile, devices m ay not m eet the
p erfo rm a nce re q uire m e nts.
Note
Package Information
Carrier Dimension(mm)
A0
B0
K0
D0
4.40
4.0
6.90
8.0
1.30
2.0
1.55
0.25
1.75
12
E
F
7.50
P0
P1
P2
T
W
0.1
Tolerance
Package Specifications
Package Reel Size
Q'TY/Reel
Box Size
QTY/Box
Reel DIA.
(mm)
(Kpcs)
(mm)
(Kpcs)
TO-277B
13'
5.0
340
10.0
330
SS1520~SS15200
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev 2.0 :
www.leiditech.com
12.01.2019
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com