Electronic Components Datasheet Search
  English  ▼

X  

MBL26S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBL26S
Description  Surface Mount Low VF Schottky Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBL26S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBL26S Datasheet HTML 1Page - First Silicon Co., Ltd MBL26S Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
MBL22S ~ MBL210S
2015 04 16
1/2
Revision No : 0
Surface Mount Low VF Schottky Bridge Rectifier
Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampere
Features
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
High surge overload rating:30A peak
Saves space on printed circuit boards
High temperature soldering guaranteed:260
/10 seconds
Mechanical Data
Case:Molded plastic body over passivated junctions
Terminals: plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position:Any
Weight:0.078 oz.,0.22g
Maximum Ratings & Electrical Characteristics
(TA=25
unless otherwise noted)
Parameter
Symbol
MBL22S
MBL24S
MBL26S
MBL28S MBL210S
UNIT
Maximum repeti ive peak reverse voltage
VRRM
20
40
60
80
100
V
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
M
RMS
14
28
42
56
70
V
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
M
DC
20
40
60
80
100
V
Maximum Average forward output current
IF(AV)
A
Peak forward surge current 8.3 MS single HALF sine-wav
superimposed on rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2 0A
V
50
.
0
F
V
Maximum DC reverse current at
Ta=25
rated DC blocking voltage per leg
Ta=100
RθJA
RθJL
Tj
Storage temperature range
TSTG
Notes: 1. Thermal resistance form junction to ambient and from junction to lead P.C B. mounted on 0 2×0 2"(5.0×5.0mm) copper pad areas.
-55 to +150
80
20
50
0.46
125
+
o
t
5
5
-
e
g
n
a
r
e
r
u
t
z
r
e
p
m
e
t
n
o
t
c
n
u
j
n
o
i
t
a
r
e
p
O
IR
0.5
20
IFSM
2.0
0.72
mA
Typical thermal resistance per leg(Note1)
A
/W


Similar Part No. - MBL26S

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MBL2S DGNJDZ-MBL2S Datasheet
89Kb / 2P
Bridge Rectifier
logo
Yangzhou yangjie electr...
MBL2S YANGJIE-MBL2S Datasheet
180Kb / 4P
Bridge Rectifiers
MBL2S YANGJIE-MBL2S Datasheet
180Kb / 4P
Bridge Rectifiers
logo
Micro Commercial Compon...
MBL2S MCC-MBL2S Datasheet
274Kb / 3P
0.5 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
logo
RFE international
MBL2S RFE-MBL2S Datasheet
938Kb / 3P
Bridge Rectifiers, Surface Mount
8-MAR-2023
More results

Similar Description - MBL26S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SL12 VISHAY-SL12 Datasheet
340Kb / 4P
Low VF Surface Mount Schottky Rectifier
22-Jan-08
logo
PACELEADER INDUSTRIAL
SM5817LV PACELEADER-SM5817LV Datasheet
174Kb / 2P
SURFACE MOUNT LOW VF SCHOTTKY RECTIFIER
logo
Pan Jit International I...
SK23L PANJIT-SK23L Datasheet
75Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
SS12L PANJIT-SS12L Datasheet
84Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SL12 VISHAY-SL12_11 Datasheet
79Kb / 4P
Low VF Surface Mount Schottky Rectifier
19-Apr-11
SL12 VISHAY-SL12_15 Datasheet
77Kb / 5P
Low VF Surface Mount Schottky Rectifier
25-Apr-14
logo
Zowie Technology Corpor...
SMBC104LH ZOWIE-SMBC104LH Datasheet
59Kb / 2P
Low VF Schottky Bridge Rectifier
logo
Vishay Siliconix
SL02-M VISHAY-SL02-M_15 Datasheet
73Kb / 4P
Low VF Surface Mount Schottky Rectifier
25-Apr-14
logo
FutureWafer Tech Co.,Lt...
MBS240SU FUTUREWAFER-MBS240SU Datasheet
868Kb / 5P
Low VF Schottky Bridge Rectifier
logo
Vishay Siliconix
SL12 VISHAY-SL12_V01 Datasheet
94Kb / 5P
Low VF Surface-Mount Schottky Rectifier
23-Apr-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com