Electronic Components Datasheet Search
  English  ▼

X  

19620031447 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 19620031447
Description  Han 3EMC-HTE-M25 w. glued seal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

19620031447 Datasheet(HTML) 1 Page - HARTING Technology Group

  19620031447 Datasheet HTML 1Page - HARTING Technology Group 19620031447 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
19 62 003 1447
Han 3EMC-HTE-M25 w. glued seal
Han 3EMC-HTE-M25 w. glued seal
Image is for illustration purposes only. Please refer to product description.
Part number
19 62 003 1447
Specification
Han 3EMC-HTE-M25 w. glued seal
HARTING eCatalogue
https://b2b.harting.com/19620031447
Identification
Category
Hoods/Housings
Series of hoods/housings
Han® EMC
Type of hood/housing
Hood
Description of hood/housing
for Han-Brid®
With glued seal
Version
Locking type
Single locking lever
Size
3 A
Version
Top entry
Cable entry
1x M25
Field of application
Hoods/Housings for higher EMC requirements
Technical characteristics
Limiting temperature
-40 ... +125 °C
Degree of protection acc. to IEC 60529
IP44
IP65 / IP67 with seal screw 09 20 000 9918
Type rating acc. to UL 50 / UL 50E
12
Material properties
Material (hood/housing)
Zinc die-cast
Surface (hood/housing)
Uncoated
Colour (hood/housing)
Unpainted
Material (seal)
NBR
Page 1 / 2 | Creation date 2020-03-26 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electric GmbH & Co. KG | Wilhelm-Harting-Straße 1 | 32339 Espelkamp | Germany
Phone +49 5772 47-97100 | electric@HARTING.com | www.HARTING.com


Similar Part No. - 19620031447

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19620031440 HARTING-19620031440 Datasheet
473Kb / 2P
Han 3EMC-HTE-2 Pegs-M20
19620031443 HARTING-19620031443 Datasheet
473Kb / 2P
Han 3EMC-HTE-2 Pegs-M20 w. glued sealing
19620031445 HARTING-19620031445 Datasheet
459Kb / 2P
Han 3 EMC Hood M25
More results

Similar Description - 19620031447

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
19-20-003-0433 HARTING-19-20-003-0433 Datasheet
466Kb / 2P
Han 3A-HTE-M25 PC grey w. seal Hood
19-20-003-0436 HARTING-19-20-003-0436 Datasheet
477Kb / 2P
Han 3A-HTE-M25 PC black w. seal Hood
19-20-003-0418 HARTING-19-20-003-0418 Datasheet
439Kb / 2P
Han 3A-HTE, 9-17mm, PC black glued seal
19-46-110-0446 HARTING-19-46-110-0446 Datasheet
480Kb / 2P
Han-Eco 10A-HTE-M25 w. cable gl.
19-62-003-1755 HARTING-19-62-003-1755 Datasheet
529Kb / 2P
Han 3EMC-HCC-1 Lever-M25
19-62-003-1645 HARTING-19-62-003-1645 Datasheet
548Kb / 2P
Han 3EMC-HAE-M25
19-62-003-1165 HARTING-19-62-003-1165 Datasheet
479Kb / 2P
Han 3EMC-Base angled-M25
19-62-003-1440 HARTING-19-62-003-1440 Datasheet
473Kb / 2P
Han 3EMC-HTE-2 Pegs-M20
19-62-003-1443 HARTING-19-62-003-1443 Datasheet
473Kb / 2P
Han 3EMC-HTE-2 Pegs-M20 w. glued sealing
19-39-006-0426 HARTING-19-39-006-0426 Datasheet
525Kb / 2P
Han 6HP-HTE-M25
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com