Electronic Components Datasheet Search
  English  ▼

X  

LM2102W Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2102W
Description  N-ChannelEnhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2102W Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2102W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2102W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2102W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2102W Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2102W Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Summary
● VDS
20V
● ID
2.5A
● RDS(ON)( at VGS=4.5V)
<70 mohm
● RDS(ON)( at VGS=2.5V)
<98 mohm
General Description
● Trench Power LV MOSFET technology
● High Power and current handing capability
Applications
● PWM application
● Load switch
■ Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-source Voltage
VDS
20
V
Gate-source Voltage
VGS
±10
V
Drain Current
TA=25℃ @ Steady State
ID
2.5
A
TA=70℃ @ Steady State
2.0
Pulsed Drain Current A
IDM
14
A
Total Power Dissipation @ TA=25℃
PD
0.7
W
Thermal Resistance Junction-to-Ambient @ Steady State B
RθJA
178
℃/ W
Junction and Storage Temperature Range
TJ ,TSTG
-55~+150
℃
■ Ordering Information (Example)
PREFERED P/N
PACKING
CODE
Marking
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
LM 2102W
F2
TS2
3000
7“ reel
Enhancement Mode Field Effect Transistor
N-Channel
LM2102W
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LM2102W

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LM210 GOOD-ARK-LM210 Datasheet
377Kb / 4P
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Texas Instruments
LM2101 TI-LM2101 Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
LM2101DR TI-LM2101DR Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
LM2101DSGR TI-LM2101DSGR Datasheet
2Mb / 33P
LM2101 107-V, 0.5-A, 0.8-A Half-Bridge Driver with 8-V UVLO
REVISED SEPTEMBER 2023
LM2103 TI1-LM2103 Datasheet
1Mb / 29P
LM2103 107-V, 0.5-A/0.8-A Half-Bridge Driver with 8-V UVLO, Dead Time, and Inverting Input
REVISED AUGUST 2023
More results

Similar Description - LM2102W

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCU05N60 MCC-MCU05N60 Datasheet
494Kb / 3P
N-ChannelEnhancement Mode Field Effect Transistor
logo
Shanghai Leiditech Elec...
LMD20N06A LEIDITECH-LMD20N06A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Field Effect Transistor
LMD25N15B LEIDITECH-LMD25N15B Datasheet
607Kb / 6P
N-ChannelEnhancement Mode Field Effect Transistor
LMG48G08A LEIDITECH-LMG48G08A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Field Effect Transistor
LMQ30N03A LEIDITECH-LMQ30N03A Datasheet
522Kb / 5P
N-ChannelEnhancement Mode Field Effect Transistor
LM3D40P03A LEIDITECH-LM3D40P03A Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Field Effect Transistor
LM5D48N06A LEIDITECH-LM5D48N06A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Field Effect Transistor
DMTH10H025LPSQ LEIDITECH-DMTH10H025LPSQ Datasheet
1Mb / 6P
N-ChannelEnhancement Mode Field Effect Transistor
Rev 2.0 : 12.01.2019
IAUC26N10S5L245 LEIDITECH-IAUC26N10S5L245 Datasheet
1Mb / 6P
N-ChannelEnhancement Mode Field Effect Transistor
Rev 2.0 : 12.01.2019
STL45N10F7AG LEIDITECH-STL45N10F7AG Datasheet
1Mb / 6P
N-ChannelEnhancement Mode Field Effect Transistor
Rev 2.0 : 12.01.2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com